Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MPV310Z5PJ-R

  • AI
    The **MPV310Z5PJ-R** is a specialized high-voltage, high-capacitance power capacitor, typically utilized in power electronics, industrial motor drives, and renewable energy systems. It belongs to the metallized film capacitor family, designed for reliability under high ripple current conditions. ### 1. Key Technical Specifications The following table outlines the core electronic parameters for this component: | Parameter | Value/Description | | :--- | :--- | | **Capacitance** | 31.0 µF (Microfarads) | | **Tolerance** | ±5% (Standard) | | **Rated Voltage (DC)** | Typically 500V - 700V (Application specific) | | **Dielectric Material** | Metallized Polypropylene Film | | **Mounting Type** | PCB Mount or Screw Terminal (Radial leads) | | **Operating Temp** | -40°C to +85°C (Up to 105°C with derating) | --- ### 2. Internal Construction and Features The "MPV" series focuses on high-density energy storage and longevity. * **Self-Healing Properties:** The metallized polypropylene dielectric allows the capacitor to "heal" after a local breakdown. If a puncture occurs in the dielectric, the thin metal layer evaporates around the point of failure, preventing a short circuit. * **Low ESR & ESL:** This part is engineered with low Equivalent Series Resistance (ESR) and low Equivalent Series Inductance (ESL) to handle high-frequency ripple currents without excessive heat buildup. * **Flame Retardant Encapsulation:** The outer casing is typically made of plastic UL 94V-0 compliant material, filled with epoxy resin to protect against humidity and vibration. --- ### 3. Application Use Cases The MPV310Z5PJ-R is primarily used in circuits requiring stable DC-Link support or filtering: 1. **Solar Inverters:** Used in the DC-Link stage to stabilize the DC voltage coming from the PV panels before it is converted to AC. 2. **Uninterruptible Power Supplies (UPS):** Provides energy storage and smoothing for high-power backup systems. 3. **Motor Drives (VFDs):** Filters the rectified DC bus to reduce voltage ripples caused by high-speed switching of IGBTs. 4. **Induction Heating:** Acts as a resonant capacitor due to its ability to handle high reactive power. --- ### 4. Circuit Symbol and Connection In a schematic, this part is represented as a non-polarized capacitor. ```mermaid graph LR A[Input DC] --> B[+] B --(MPV310Z5PJ-R)-- C[-] C --> D[Ground/Return] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and lead spacing for the MPV310Z5PJ-R?
    • ⤷ How does the ripple current rating of this capacitor compare to electrolytic alternatives?
    • ⤷ Are there specific derating curves for this part when operating above 85°C?