Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MPV360Z2PJ-R

  • AI
    The **MPV360Z2PJ-R** is a high-performance, compact **DC-DC Power Module** (often categorized under Point-of-Load or Micro-POL converters). It is designed to convert a higher input voltage into a regulated lower output voltage with high efficiency, typically used in space-constrained electronic assemblies. Below is a breakdown of its electronic characteristics and components. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Non-isolated DC-DC Converter (Step-Down/Buck) | | **Package Style** | LGA (Land Grid Array) or SIP (System-in-Package) | | **Input Voltage Range** | Typically 4.5V to 16V (Standard for 12V rails) | | **Output Voltage** | Adjustable (usually 0.6V to 5.0V) | | **Output Current** | High-density output (often 10A to 20A range) | --- ### 2. Key Internal Electronic Parts The "Z2PJ" series usually integrates several discrete components into a single miniaturized module: 1. **PWM Controller:** The brain of the module. It regulates the output voltage by adjusting the pulse width of the switching signal based on feedback. 2. **Power MOSFETs:** Integrated High-side and Low-side synchronous MOSFETs. These handle the high-speed switching to minimize power loss. 3. **Inductor:** A high-Q, low-profile power inductor is built directly into the package to save board space and reduce Electromagnetic Interference (EMI). 4. **Passive Components:** Internal bypass capacitors and resistors for the internal compensation network. --- ### 3. Functional Pins and Connectivity The module interface typically includes the following electronic nodes: * **VIN / VOUT:** Power input and regulated power output. * **GND:** Common ground reference. * **FB (Feedback):** Used with an external resistor divider to set the desired output voltage. * **EN (Enable):** A logic-level input to turn the module on or off. * **PGOOD (Power Good):** An open-drain output that signals when the output voltage is within regulation. * **SW (Switch Node):** Sometimes exposed for monitoring switching frequency or adding snubber circuits. --- ### 4. Technical Advantages * **High Power Density:** Because the inductor is integrated, it occupies significantly less PCB "real estate" than a discrete buck converter circuit. * **Thermal Management:** The underside of the package usually features large thermal pads to dissipate heat directly into the PCB copper planes. * **Efficiency:** Designed for >90% efficiency at typical loads, reducing the need for active cooling (fans). --- ### 5. Common Applications * **Telecom & Networking:** Powering FPGAs, ASICs, and Digital Signal Processors (DSPs). * **Industrial Computing:** Compact embedded systems and servers. * **Storage Systems:** High-speed SSD controllers and RAID arrays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum efficiency rating for the MPV360Z2PJ-R at full load?
    • ⤷ Does this module require external input and output capacitors?
    • ⤷ How do I calculate the resistor value for the Feedback (FB) pin to set a 1.2V output?