MPV3J80B1PJ-R
AI

The **MPV3J80B1PJ-R** is a specific part number belonging to the **MPV series** of high-density power modules, typically manufactured by **Murata Power Solutions**. These components are categorized as **Point-of-Load (PoL)** DC-DC converters designed for high-performance computing and telecommunications environments.
---
### 1. Technical Specifications Overview
The following table outlines the core electronic characteristics of the MPV series (standard specifications for this part family):
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Input Voltage Range** | 8.5V to 14V DC (Nominal 12V) |
| **Output Voltage** | Adjustable (typically 0.6V to 2.0V) |
| **Max Output Current** | 80 Amps |
| **Efficiency** | Up to 90% - 94% |
| **Control Interface** | PMBus / I2C Support |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Internal Electronic Components
The "parts" within this module are integrated into a compact, multi-layered substrate. Key internal systems include:
1. **Synchronous Buck Controller:** The "brain" of the module that manages Pulse Width Modulation (PWM) to step down the voltage.
2. **Power MOSFETs:** High-frequency switching transistors that handle the 80A current load. These are optimized for low RDS(on) to minimize heat.
3. **Integrated Inductors:** Unlike discrete designs, this module includes high-current power inductors inside the package to reduce EMI and save PCB space.
4. **Decoupling Capacitors:** Internal ceramic capacitors manage high-frequency noise and stabilize the input/output ripple.
---
### 3. Functional Features
* **PMBus Digital Control:** Allows the system to monitor real-time data such as output current, voltage, and temperature. It also permits the "on-the-fly" adjustment of output parameters via software.
* **Multi-Phase Interleaving:** To handle 80A, the module often uses multiple internal phases. This reduces the stress on individual components and lowers output ripple voltage.
* **Thermal Protection:** Includes internal temperature sensors that trigger a "Thermal Shutdown" or "Current Throttling" if the module exceeds safe operating temperatures.
---
### 4. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the suffix usually indicates packaging:
* **-R:** Generally stands for **Tape and Reel** packaging, intended for automated pick-and-place assembly lines.
---
### 5. Application Circuit Example
A simplified representation of how this part is integrated into a system:
```markdown
[12V Source] ----> [Input Capacitors] ----> [MPV3J80B1PJ-R] ----> [Output Capacitors] ----> [FPGA/ASIC Load]
^ |
| v
[PMBus] <--- [Microcontroller]
```
- ⤷
What is the thermal derating curve for this 80A module?
- ⤷ Does this part require external output capacitors for stability?
- ⤷ What are the specific PMBus commands supported by the MPV3J80B series?