Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MPZ2012S221A

  • AI
    The **MPZ2012S221A** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits, specifically categorized under the MPZ series (High Current Type). --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Series** | MPZ (Power Line) | | **Case Size** | 2012 (Metric) / 0805 (Inch) | | **Impedance (at 100 MHz)** | 220 $\Omega$ ± 25% | | **Rated Current (Max)** | 3.0 A | | **DC Resistance (Max)** | 0.04 $\Omega$ | | **Operating Temperature** | -55°C to +125°C | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 0.85mm | --- ## 2. Key Features & Internal Structure The MPZ2012S221A is distinguished from standard signal beads by its power handling capabilities: * **Low DC Resistance (Rdc):** The internal electrode structure is optimized to ensure very low resistance, which minimizes voltage drops and heat generation. * **High Current Capacity:** Unlike standard signal-line beads, this part can handle up to **3 Amperes**, making it suitable for power supply lines (VCC). * **Monolithic Structure:** It is built using a multilayer process, ensuring high reliability and compact size for surface-mount technology (SMT). --- ## 3. Function & Applications ### How it Works The ferrite bead acts as a **low-pass filter**. At low frequencies (DC), it behaves like a conductor with minimal resistance. At high frequencies (the MHz range), it acts like a resistor, absorbing electromagnetic interference (EMI) and dissipating it as a tiny amount of heat. ### Typical Use Cases * **Power Lines:** Removing noise from DC power rails in smartphones, PCs, and tablets. * **Battery Lines:** Filtering ripple current in battery-operated devices. * **Industrial Equipment:** Protecting sensitive logic circuits from high-frequency switching noise generated by power supplies. --- ## 4. Part Number Breakdown ```text MPZ 2012 S 221 A | | | | | | | | | +-- Internal Code (Special characteristics) | | | +------ Impedance: 22(0) = 220 Ohms | | +---------- Material Code (Standard type) | +-------------- Dimensions: 2.0mm x 1.25mm +-------------------- Series Name: Multilayer Chip Bead for Power Lines ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ and MMZ series from TDK?
    • ⤷ How does temperature affect the rated current of this ferrite bead?
    • ⤷ Can this part be used for high-speed data signal lines?