Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MV26V2AD-R

  • AI
    ### MV26V2AD-R Electronic Overview The **MV26V2AD-R** is a specific model of an LCD controller board (often referred to as an AD board). It is primarily designed to drive small to medium-sized LCD panels by converting standard video signals into a format (usually LVDS) that the panel can interpret. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Chipset** | Mstar (Typical for this series) | | **Input Interface** | VGA (D-Sub) | | **Output Interface** | LVDS (Single or Dual Channel) | | **Supported Resolution** | Up to 1920 x 1080 @ 60Hz | | **Power Input** | 12V DC | | **Standby Power** | < 1W | --- ### 2. Major Electronic Components The board is composed of several critical sub-systems that allow it to function as the "brain" of a display: #### A. The Scaler IC (Main Processor) The heart of the board is the Mstar scaler chip. It handles: * **Analog-to-Digital Conversion:** Converting the analog VGA signal into digital data. * **Scaling:** Adjusting the input resolution to match the native resolution of the LCD panel. * **OSD Management:** Generating the On-Screen Display menu for brightness, contrast, and color adjustments. #### B. Power Management Section Because the board takes a 12V input but internal components require lower voltages, you will find: * **DC-DC Buck Converters:** Step-down regulators that provide **5V** (for the logic), **3.3V** (for the scaler), and **1.8V/1.2V** (for the chip core). * **Filter Capacitors:** Electrolytic and ceramic capacitors used to smooth out voltage ripples. #### C. LVDS Connector The output interface (usually a 30-pin header) carries: * **Data Pairs:** High-speed differential signals containing color and timing data. * **Clock Pair:** Synchronizes the data flow between the board and the panel. * **Panel Power (VCC):** Usually selectable via a jumper (3.3V or 5V) to match the panel's requirements. #### D. Inverter/LED Driver Interface A dedicated 6-pin or similar header provides the signals needed to turn on the screen's backlight: * **12V VCC:** Direct power for the backlight. * **ENA (Enable):** Turns the backlight on/off. * **ADJ/PWM:** Controls the dimming level (brightness). --- ### 3. Peripheral Connectors * **Keyboard Interface:** Connects to the physical buttons (Power, Menu, Up, Down, Auto). * **Status LED:** A dual-color (usually Red/Green) LED to indicate standby or active mode. * **EEPROM/Flash:** A small 8-pin chip (e.g., 24C series or SPI Flash) that stores the firmware and user settings. --- ### 4. Application Considerations When using or repairing the MV26V2AD-R, keep the following in mind: 1. **Firmware Compatibility:** The board must be flashed with the specific firmware matching the resolution and bit-depth of your LCD panel. 2. **Jumper Settings:** Ensure the **Panel Voltage Jumper** is set correctly (3.3V is common for laptops/small monitors, 5V/12V for industrial screens) to avoid destroying the LCD panel.
    ✨ Follow-up Questions
    • ⤷ How do I determine the correct jumper setting for a specific LCD panel?
    • ⤷ Can the MV26V2AD-R be converted to support HDMI input?
    • ⤷ What are the common symptoms of a failing scaler chip on this board?