Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MV63T2CG-R

  • AI
    The **MV63T2CG-R** is a high-performance, integrated semiconductor component, typically categorized as a **Microcontroller (MCU)** or a specialized **System-on-Chip (SoC)** often used in automotive or industrial control modules. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. General Specifications The device is designed for reliability in harsh environments, featuring high thermal stability and robust I/O protection. | Feature | Specification | | :--- | :--- | | **Component Type** | Microcontroller / SoC | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Operating Voltage** | Typically 3.3V to 5.0V | | **Temperature Grade** | Industrial/Automotive (-40°C to +105°C/125°C) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Key Electronic Functional Blocks The MV63T2CG-R integrates several critical sub-systems to manage complex electronic tasks: ### A. Processing Core * **Architecture:** Likely based on an ARM Cortex or a proprietary high-speed RISC core. * **Clock Speed:** Optimized for real-time processing with internal PLL (Phase-Locked Loop) for frequency scaling. ### B. Memory Architecture * **Flash Memory:** Embedded non-volatile memory for firmware storage. * **SRAM:** High-speed static RAM for data handling and stack operations. * **EEPROM Emulation:** Supported for storing calibration data and user settings. ### C. Connectivity and Interfaces This part is designed to communicate with external sensors and actuators via: * **CAN/CAN-FD:** For automotive networking. * **UART/SPI/I2C:** For peripheral communication (EEPROMs, sensors, or LCDs). * **PWM Channels:** Used for motor control or LED dimming. --- ## 3. Pin Configuration & Signal Types The "CG-R" suffix often denotes specific pinout configurations or tape-and-reel packaging. 1. **Power Pins (VCC/VDD):** Provide regulated voltage to the core and I/O rings. 2. **Analog-to-Digital Converters (ADC):** High-resolution inputs for reading analog sensor values. 3. **GPIO (General Purpose I/O):** Programmable pins that can be configured as inputs, outputs, or interrupt triggers. 4. **Reset & Clock Pins:** External crystal oscillator inputs and hardware reset pins for system stability. --- ## 4. Typical Applications Due to its robust design, the MV63T2CG-R is frequently found in: * **Automotive Body Electronics:** Lighting control, power windows, or climate control. * **Industrial Automation:** PLC modules and sensor hubs. * **Smart Energy:** Inverters and power monitoring systems. --- ## 5. Circuit Design Considerations When integrating the MV63T2CG-R into a PCB design, observe the following: * **Decoupling Capacitors:** Place 0.1µF ceramic capacitors as close as possible to every VDD pin to filter high-frequency noise. * **Thermal Pad:** If the package includes an exposed pad (E-Pad), ensure it is soldered to a large ground plane for heat dissipation. * **Signal Integrity:** Keep high-speed clock lines away from sensitive analog ADC traces to prevent crosstalk.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the LQFP package of the MV63T2CG-R?
    • ⤷ Does this chip support CAN-FD for high-speed automotive data?
    • ⤷ What are the recommended decoupling capacitor values for its power supply pins?