Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MVP28V2BD-R

  • AI
    The **MVP28V2BD-R** is a high-performance, high-reliability power converter module, typically categorized as a **DC-DC Converter**. This specific part belongs to the **MVP Series** (Micro-V-Puck), often utilized in aerospace, defense, and high-end industrial applications where space is limited and power density is critical. --- ## 1. Technical Specifications Overview The following table outlines the core electrical characteristics of the MVP28V2BD-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 28 VDC | | **Input Voltage Range** | 18V to 40V DC (Typical) | | **Output Voltage** | 12 VDC (or dual configurations depending on internal rail) | | **Power Rating** | High-density output (often up to 50W-100W range) | | **Efficiency** | > 85% - 90% | | **Isolation** | Input-to-Output galvanic isolation | | **Package Style** | V-Puck / Low profile brick | --- ## 2. Key Electronic Components & Internal Architecture Inside the MVP28V2BD-R, several critical electronic subsystems work together to provide stable power: ### A. Power Stage (Switching Regulator) * **MOSFETs:** High-frequency switching transistors that convert DC to high-frequency AC for the transformer. * **Pulse Width Modulation (PWM) Controller:** The "brain" that regulates the output voltage by adjusting the duty cycle of the MOSFETs based on the load. ### B. Magnetic Components * **Planar Transformer:** Instead of wire-wound coils, these use PCB traces or flat copper foils to reduce the height of the module and improve thermal dissipation. * **Inductors:** Used in the output filter stage to smooth the current ripples. ### C. Filtering and Protection * **EMI Filters:** Built-in capacitors and common-mode chokes to reduce electromagnetic interference, complying with standards like MIL-STD-461. * **TVS Diodes:** Transient Voltage Suppressors that protect the internal circuits from input voltage spikes. --- ## 3. Advanced Features * **Remote Sense:** Compensates for voltage drops across the leads between the converter and the load. * **Thermal Management:** The "R" suffix often denotes a specific thermal mounting or potting compound used for conduction cooling. * **Soft Start:** Prevents high inrush currents during startup, protecting upstream power supplies. --- ## 4. Pinout Configuration (Generic Reference) *Note: Always consult the manufacturer datasheet for exact pin mapping.* | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Return) | | 3 | Enable/Disable | Logic signal to turn the unit on/off | | 4 | +Vout | Positive Output Voltage | | 5 | -Vout | Output Return | | 6 | Trim | Resistor input to adjust output voltage | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the MVP28V2BD-R?
    • ⤷ Does this module comply with MIL-STD-704 aircraft power standards?
    • ⤷ What are the recommended external capacitor values for input/output filtering?