NTCLE203E3...SB0
AI

### NTCLE203E3...SB0 Series Overview
The **NTCLE203E3...SB0** is a specific family of NTC (Negative Temperature Coefficient) thermistors manufactured by **Vishay BCcomponents**. These parts are characterized by their radial leaded structure and are primarily used for high-precision temperature sensing and compensation.
---
### Technical Specifications and Features
The part number follows a specific nomenclature that defines its electronic characteristics. Below is a breakdown of the typical technical attributes for this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | NTC Thermistor (Resistance decreases as temperature increases) |
| **Tolerance** | High precision (typically $\pm 1\%$ to $\pm 5\%$) |
| **Operating Temp Range** | $-40^\circ\text{C}$ to $+125^\circ\text{C}$ (Standard range for SB0 types) |
| **Response Time** | $\approx 1.2$ seconds (in air) |
| **Dissipation Factor** | $\approx 7.0$ mW/K |
| **Leads** | Flexible, tinned copper wires (often blue lacquer coated) |
---
### Key Components of the Part Number
Understanding the "SB0" suffix is critical for electronic identification:
1. **NTCLE**: Identifies the product as a Low-profile, radial leaded NTC thermistor.
2. **203**: Refers to the physical size and curve characteristics of the device.
3. **E3**: Indicates the product is RoHS compliant (Lead-free).
4. **SB0**: This specific suffix usually denotes a **bulk packaging** format with straight leads and specific insulation/coating parameters.
---
### Typical Applications
These electronic parts are designed for environments where accuracy and stability are required:
* **Automotive Systems:** Monitoring engine coolant, air intake, or cabin temperature.
* **Industrial Electronics:** Overheating protection for power supplies and motor controllers.
* **Consumer Goods:** Temperature control in white goods (refrigerators, washing machines).
* **Battery Packs:** Thermal management during charging and discharging cycles.
---
### Electronic Performance Curve (Steinhart-Hart)
To integrate this part into a circuit (like a voltage divider with a microcontroller), engineers use the **Beta value ($\beta$)**. The resistance at any temperature $T$ is calculated as:
$$R_T = R_{25} \cdot e^{\beta \cdot (\frac{1}{T} - \frac{1}{298.15})}$$
* **$R_{25}$:** Nominal resistance at $25^\circ\text{C}$ (e.g., $10\text{k}\Omega$).
* **$\beta$:** Typically ranges from $3500\text{K}$ to $4400\text{K}$ for this series.
---
- ⤷
What is the nominal resistance (R25) value for the 103SB0 variant?
- ⤷ How does the SB0 suffix differ from the JB0 suffix in the Vishay catalog?
- ⤷ Can this thermistor be used in direct contact with conductive liquids?