P0420HDB
AI

The **P0420HDB** is a high-performance **N-Channel Enhancement Mode Trench Power MOSFET**. It is primarily designed for high-efficiency power management applications where low on-resistance and high-speed switching are critical.
---
### ## Technical Specifications
Below are the typical electrical characteristics for the P0420HDB MOSFET:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 40V |
| **Continuous Drain Current** | $I_D$ | 20A - 25A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 20 mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Total Gate Charge** | $Q_g$ | ~15 - 20 nC |
| **Package Type** | Package | TO-252 (DPAK) or PDFN |
---
### ## Key Features
1. **Trench Technology:** Utilizes advanced trench gate designs to achieve extremely low $R_{DS(ON)}$, which reduces conduction losses.
2. **High-Speed Switching:** Optimized for high-frequency DC-DC converters and PWM controllers.
3. **Low Thermal Resistance:** The packaging (usually TO-252) provides excellent heat dissipation capabilities for high-current loads.
4. **Logic Level Drive:** Can often be triggered by logic-level gate voltages (4.5V to 10V), making it compatible with various microcontrollers and gate drivers.
---
### ## Common Applications
The P0420HDB is versatile and used in several electronic power stages:
* **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation in computing and telecommunications.
* **Power Management:** Battery protection circuits and load switching in portable electronics.
* **Motor Control:** Brushless DC (BLDC) motor drivers for small appliances or drones.
* **LED Lighting:** High-current switching for industrial LED arrays.
---
### ## Pin Configuration (Typical TO-252)
```text
_______
| D | (Drain - Tab)
__|_______|__
| 1 2 3 |
| G D S |
|_____________|
1. Gate (G): Controls the switching of the MOSFET.
2. Drain (D): Connected to the load (usually high-side).
3. Source (S): Connected to the ground or low-side.
```
- ⤷
What are the equivalent MOSFET part numbers for the P0420HDB?
- ⤷ How does the gate charge affect the switching speed of this MOSFET?
- ⤷ Can this MOSFET be used directly with a 3.3V microcontroller?