PA3428L-N24-R
AI

The **PA3428L-N24-R** is a specific electronic component primarily recognized as an **Incandescent Lamp** or **Miniature Bulb**, typically used in automotive dashboards, industrial indicators, or specialized electronic panels.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
This part is designed for low-voltage, high-reliability environments.
| Parameter | Specification |
| :--- | :--- |
| **Lamp Type** | Incandescent / Miniature |
| **Operating Voltage** | 14.0 V (Standard for 12V automotive systems) |
| **Current Rating** | ~0.08 A (80mA) |
| **Brightness (MSCP)** | 0.30 ± 25% (Mean Spherical Candlepower) |
| **Life Span** | ~15,000 Hours |
| **Filament Type** | C-2V |
| **Base Type** | Neo-Wedge (Plastic Twist-Lock) |
---
### 2. Physical Characteristics
The "N24" designation often refers to the specific plastic base (Neo-Wedge) used to seat the bulb into a Printed Circuit Board (PCB).
* **Form Factor:** T-1 or T-1.25 (Sub-miniature).
* **Base Material:** Heat-resistant plastic (usually black or grey).
* **Mounting:** Twist-lock mechanism that allows the bulb to be installed directly into the PCB traces without soldering.
* **Contacts:** Two metal tabs on the side of the plastic base that complete the circuit when twisted into place.
---
### 3. Application Areas
Because of its 14V rating and vibration-resistant filament, it is commonly found in:
* **Automotive Instrument Clusters:** Backlighting for speedometers and fuel gauges.
* **Climate Control Panels:** Lighting for AC/Heater buttons.
* **Avionics:** Cockpit indicators in older light aircraft.
* **Industrial Controls:** Status indicators on machinery panels.
---
### 4. Comparison: Incandescent vs. LED Replacements
While the PA3428L-N24-R is a traditional filament bulb, many users now look for LED alternatives.
| Feature | PA3428L (Original) | LED Equivalent |
| :--- | :--- | :--- |
| **Light Output** | Warm/Yellowish (3000K) | Cool White/Colors (6000K+) |
| **Heat Emission** | High | Low |
| **Power Consumption** | Moderate | Very Low |
| **Polarity** | Non-polar (Works either way) | Polar (Must be oriented correctly) |
---
### 5. Part Number Breakdown
* **PA:** Manufacturer prefix (often associated with specialized lighting brands like JKL Components or Oshino).
* **3428:** The specific glass bulb and filament configuration.
* **N24:** The Neo-Wedge base size/specification.
* **R:** Often denotes RoHS compliance (lead-free).
- ⤷
What are the exact dimensions of the Neo-Wedge N24 base?
- ⤷ Is there a direct LED cross-reference part number for the PA3428L?
- ⤷ How does the C-2V filament design improve vibration resistance?