Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PBYR1640X

  • AI
    ### Technical Overview of PBYR1640X The **PBYR1640X** is a high-performance **Schottky Barrier Diode** specifically designed for high-speed switching and low-loss power rectification. It is commonly used in power supplies and inverter circuits where efficiency and heat management are critical. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the PBYR1640X: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V | | **Average Forward Current** | $I_{F(AV)}$ | 16 A | | **Forward Voltage Drop** (at 16A) | $V_F$ | ~0.57 V | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 150 A | | **Junction Temperature** | $T_j$ | 150 °C | | **Package Type** | - | SOD113 / TO-220F (Isolated) | --- ### 2. Physical Construction and Package The "X" suffix in PBYR1640X typically denotes an **isolated package** (Full-Pak). * **Internal Diode:** It utilizes a metal-to-silicon junction (Schottky) rather than a P-N junction, allowing for majority carrier conduction. * **Isolation:** The TO-220F style housing is fully encapsulated in plastic. This provides high dielectric strength, meaning it can be mounted directly to a heatsink without an additional mica insulator. * **Low Inductance:** Designed for high-frequency operation with minimal internal parasitic inductance. --- ### 3. Core Electronic Features * **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop than standard silicon diodes, resulting in less power wasted as heat. * **Ultra-Fast Switching:** Schottky diodes have essentially zero reverse recovery time ($t_{rr}$), making them ideal for high-frequency Switch Mode Power Supplies (SMPS). * **Guard Ring Protection:** The internal die often includes a guard ring for stress protection and improved reliability against high-voltage transients. --- ### 4. Typical Applications The PBYR1640X is found in the following electronic circuits: 1. **SMPS Output Rectification:** Used on the secondary side of transformers to convert high-frequency AC to DC. 2. **Freewheeling Diodes:** Used in motor control circuits to protect switching elements from inductive spikes. 3. **Polarity Protection:** Used in high-current battery-powered devices to prevent damage from reverse battery insertion. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • What is the difference between PBYR1640 and PBYR1640X?
    • How does the reverse leakage current of this diode behave at high temperatures?
    • Can this diode be used in circuits exceeding 40V peaks?