Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PBYR2150CT

  • AI
    The **PBYR2150CT** is a high-performance Schottky Barrier Diode (Rectifier) designed for high-frequency switching applications. It is commonly used in power supplies and motor control circuits due to its efficiency and low power loss. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYR2150CT: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 150 | V | | **Average Forward Current** | $I_{F(AV)}$ | 20 (10 per leg) | A | | **Forward Voltage Drop** | $V_F$ | ~0.80 - 0.95 | V | | **Peak Surge Current** | $I_{FSM}$ | 150 | A | | **Package Type** | - | TO-220AB | - | | **Configuration** | - | Dual (Common Cathode) | - | --- ### 2. Functional Features The PBYR2150CT is chosen by engineers for several specific performance advantages: * **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction, allowing for much faster switching speeds and lower forward voltage drops. * **Dual Diode Configuration:** The device contains two diodes sharing a common cathode (the middle pin). This is ideal for **full-wave rectification** or OR-ing power supplies. * **High Temperature Stability:** It is designed to operate reliably at junction temperatures up to 175°C. * **Low Switching Losses:** Extremely low recovery time ($t_{rr}$) minimizes power dissipation during high-frequency operation. --- ### 3. Pin Configuration The TO-220 package typically follows this standard layout: 1. **Anode 1:** Input for the first diode. 2. **Common Cathode:** Output/Case (Heat sink connection). 3. **Anode 2:** Input for the second diode. --- ### 4. Common Applications * **Switched Mode Power Supplies (SMPS):** Used for secondary side rectification. * **DC/DC Converters:** Enhances efficiency by reducing power loss during conversion. * **Freewheeling Diodes:** Protects circuits from inductive spikes in motor drivers. * **Battery Chargers:** Prevents reverse current flow and manages charging cycles.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 150V rating in this Schottky diode compared to standard 40V models?
    • ⤷ How does the common cathode configuration simplify PCB design?
    • ⤷ Can the PBYR2150CT be used in high-voltage AC rectification?