PBYR6040WT
AI

The **PBYR6040WT** is a high-performance **Schottky Barrier Rectifier** diode. It is commonly used in power supplies and high-frequency circuits due to its low forward voltage drop and fast switching capabilities.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the PBYR6040WT:
| Feature | Description / Value |
|:---|:---|
| **Diode Type** | Schottky Barrier (Dual, Common Cathode) |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V |
| **Average Forward Current ($I_{F(AV)}$)** | 60A (30A per diode) |
| **Forward Voltage Drop ($V_F$)** | ~0.58V to 0.70V (at rated current) |
| **Package Type** | SOT199 / TO-247 |
| **Operating Junction Temperature ($T_j$)** | Up to 150°C |
---
### 2. Physical Configuration
The PBYR6040WT is a **dual-diode** package in a **Common Cathode** configuration. This means there are two individual diodes inside one housing, sharing a central connection point.
```mermaid
graph LR
Anode1[Anode 1 - Pin 1] --> Cathode[Common Cathode - Pin 2/Tab]
Anode2[Anode 2 - Pin 3] --> Cathode
```
* **Pin 1:** Anode of Diode 1
* **Pin 2/Tab:** Common Cathode (Output)
* **Pin 3:** Anode of Diode 2
---
### 3. Core Advantages
* **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than standard silicon diodes (~0.6V vs 1.1V), it generates less heat and is more efficient.
* **High Speed:** As a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching.
* **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against overvoltage.
---
### 4. Typical Applications
The PBYR6040WT is typically found in high-power environments:
1. **Switched Mode Power Supplies (SMPS):** Used as an output rectifier.
2. **DC/DC Converters:** Acts as a "freewheeling" diode to prevent voltage spikes.
3. **Battery Management:** Provides reverse polarity protection with minimal voltage loss.
4. **Solar Inverters:** Used in bypass and blocking applications.
- ⤷
How does the forward voltage drop change with temperature in the PBYR6040WT?
- ⤷ What are the cooling requirements for a 60A current load?
- ⤷ Are there equivalent drop-in replacements for the TO-247 package?