Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PCF1A331MCL1GS

  • AI
    The **PCF1A331MCL1GS** is a high-performance **Conductive Polymer Aluminum Solid Electrolytic Capacitor** manufactured by **Nichicon**. It belongs to the **FPCAP (Functional Polymer Capacitor)** series, which is known for its low ESR and high stability. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Nichicon | | **Part Number** | PCF1A331MCL1GS | | **Capacitance** | 330 µF | | **Rated Voltage** | 10V DC | | **Tolerance** | ±20% | | **ESR (Equivalent Series Resistance)** | 25 mΩ (at 100kHz) | | **Ripple Current** | 2.5 A (at 100kHz, 105°C) | | **Operating Temperature** | -55°C to +105°C | | **Case Size (Diameter x Length)** | 6.3mm x 6.0mm | | **Mounting Type** | Surface Mount (SMD) | | **Termination** | Lead-Free / RoHS Compliant | --- ### ## Key Features 1. **Conductive Polymer Technology**: Unlike traditional liquid electrolyte capacitors, this uses a solid conductive polymer. This eliminates the risk of drying out or leaking, significantly increasing lifespan. 2. **Ultra-Low ESR**: The 25 mΩ ESR allows for high efficiency in noise filtering and power smoothing, especially in high-frequency applications. 3. **Temperature Stability**: The capacitance remains stable even at sub-zero temperatures, unlike standard electrolytic capacitors which lose capacitance in the cold. 4. **High Ripple Current Handling**: It can handle up to 2.5 Amps of ripple current, making it ideal for high-load power delivery circuits. --- ### ## Applications * **Motherboards & GPUs**: Used in the Voltage Regulator Module (VRM) stages to provide stable power to CPUs and GPUs. * **DC-DC Converters**: Ideal for input/output filtering in switching power supplies. * **Telecommunications**: Used in base stations and networking equipment where long-term reliability is critical. * **Embedded Systems**: Suitable for compact industrial electronics due to its small SMD footprint. --- ### ## Terminal & Footprint Identification The device is polarized. The negative terminal is typically marked with a colored band (usually black or blue) on the top of the aluminum can. ```markdown Top View: +-----------+ | ( ) ( ) | <-- Negative Stripe (Cathode) | 330 | <-- Capacitance | 10V | <-- Voltage +-----------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of polymer capacitors over standard liquid electrolytic capacitors?
    • ⤷ How does ESR affect the performance of a power supply circuit?
    • ⤷ What is the shelf life of the PCF1A331MCL1GS compared to traditional capacitors?