Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PCH-R420

  • AI
    The **PCH-R420** is a specific electronic module, commonly identified as a **high-speed PCI Express (PCIe) to M.2 NVMe adapter/riser card**. It is frequently used in custom PC builds, server environments, and for external GPU (e.GPU) setups to bridge internal bus interfaces. --- ### Core Components and Specifications The electronic architecture of the PCH-R420 is designed to maintain signal integrity over high-frequency data paths. Below are the primary electronic parts and features: | Component Type | Description | Function | | :--- | :--- | :--- | | **PCB (Printed Circuit Board)** | High-density multi-layer fiber | Provides the physical traces for data and power distribution. | | **PCIe Connector** | Gold-plated x4 or x16 interface | Connects the module to the motherboard's expansion slot. | | **M.2 Slot (M-Key)** | 2280/2260/2242 support | The interface where the NVMe SSD or M.2 device is installed. | | **Voltage Regulators** | DC-to-DC Buck Converters | Steps down 12V from the PCIe slot to 3.3V required by M.2 devices. | | **SMD Capacitors** | Ceramic Multilayer (MLCC) | Filters electrical noise and stabilizes the voltage supply. | | **Signal Re-driver (Optional)** | IC Chip (e.g., Pericom/Asmedia) | Boosts the PCIe signal for longer cable runs or high-speed Gen4 stability. | --- ### Key Technical Characteristics #### 1. Signal Integrity Parts Because the PCH-R420 often uses ribbon cables (in Riser variants), it utilizes **Differential Pairing**. The copper traces on the PCB are length-matched to ensure that the high-speed data signals arrive at the same time, preventing data corruption. #### 2. Power Management The module includes solid capacitors and inductors. These are critical because NVMe drives can have high "burst" power draws. * **Protection:** Most versions include Over-Current Protection (OCP) and Over-Voltage Protection (OVP) to safeguard the connected SSD. * **LED Indicators:** Typically features SMD LEDs to indicate "Power Good" status and "Data Activity." #### 3. Material Composition * **FPC/FFC Cables:** If the R420 is a "Riser" version, it uses flexible flat cables with EMI (Electromagnetic Interference) shielding to prevent interference from other components like GPUs or Power Supplies. * **Gold Fingers:** The contact points are usually 3u" to 15u" gold-plated to ensure low resistance and prevent oxidation. --- ### Application Logic ```mermaid graph LR A[PCIe Slot 12V/3.3V] --> B[Voltage Regulation] B --> C[M.2 Device Power] D[CPU/Chipset PCIe Lanes] <--> E[PCH-R420 Logic] E <--> F[NVMe SSD Data] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific bandwidth differences between PCIe 3.0 and 4.0 versions of the R420?
    • ⤷ Does the PCH-R420 require additional drivers for the OS to recognize it?
    • ⤷ How does EMI shielding on the R420 riser cable affect performance?