PDA006A-350S-R
AI

The **PDA006A-350S-R** is a high-efficiency LED Driver manufactured by **Phihong**. It is specifically designed for indoor architectural and residential lighting applications, providing a constant current output to power LED strings.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Constant Current (CC) |
| **Output Current** | 350 mA |
| **Output Power** | 6.3 Watts (Max) |
| **Input Voltage Range** | 100 ~ 240 VAC |
| **Output Voltage Range** | 12 ~ 18 VDC |
| **Efficiency** | ~75% at 120VAC |
| **Isolation** | Class 2 Rated |
| **Protection** | Short Circuit, Over-Voltage, Over-Temperature |
---
## 2. Core Features & Operation
The internal circuitry of the PDA006A-350S-R is built to ensure stability and longevity for LED components:
* **AC/DC Rectification:** It converts standard AC wall power into the DC voltage required by LEDs.
* **Constant Current Regulation:** Unlike standard power supplies, this driver maintains a steady **350mA** current flow. This is critical because LEDs are current-driven devices; fluctuations in current can lead to overheating (thermal runaway) or premature failure.
* **Safety Protections:**
* **Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Over-Voltage Protection:** Prevents damage if the output voltage exceeds the 18V threshold.
* **Compact Form Factor:** The "A" series housing is designed to fit into small junction boxes or narrow light fixtures.
---
## 3. Wiring Configuration
The device typically features four wire leads for integration:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | AC Line (L) | Input: Connects to the Hot wire of the AC source. |
| **White** | AC Neutral (N) | Input: Connects to the Neutral wire of the AC source. |
| **Red** | LED+ | Output: Connects to the Anode (+) of the first LED. |
| **Blue/Black** | LED- | Output: Connects to the Cathode (-) of the last LED. |
---
## 4. Typical Applications
* **Recessed Downlights:** Ideal for small 6W LED puck lights.
* **Accent Lighting:** Used in displays or under-cabinet lighting.
* **Commercial Signage:** Powering small LED modules for backlit letters.
- ⤷
Can this driver be used with a TRIAC dimmer?
- ⤷ What happens if the LED string requires more than 18V?
- ⤷ Is the PDA006A-350S-R waterproof for outdoor use?