Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PHSH-B2C

  • AI
    The **PHSH-B2C** is a specialized electronic component typically associated with high-voltage sensing, power management, or industrial automation interfaces (often found within the ecosystem of brands like Mitsubishi or specialized power supply manufacturers). Below is a breakdown of the electronic characteristics and technical specifications typical for this part. --- ### 1. Technical Specifications The following table outlines the general parameters for the PHSH-B2C series components: | Feature | Specification | | :--- | :--- | | **Component Type** | Photocoupler / High-Speed Sensor Interface | | **Input Type** | DC / Logic Level | | **Output Type** | Transistor / Open Collector | | **Isolation Voltage** | 2500V to 5000V (typical) | | **Response Time** | High-speed switching (Microseconds) | | **Mounting Type** | Through-hole (DIP) or Surface Mount (SMD) | --- ### 2. Key Electronic Functions The PHSH-B2C serves three primary roles within a circuit: 1. **Galvanic Isolation:** It uses light (internal LED and phototransistor) to transfer signals between two parts of a circuit without a direct electrical connection. This protects sensitive low-voltage controllers from high-voltage surges. 2. **Signal Level Shifting:** It allows a 5V logic signal to control a 24V industrial load, or vice-versa, ensuring compatibility between different circuit stages. 3. **Noise Suppression:** By converting electrical signals to light, it prevents electromagnetic interference (EMI) from traveling across the circuit board. --- ### 3. Internal Circuit Structure The part generally consists of two main sections: * **Input Stage:** An Infrared Emitting Diode (IRED). When current flows through the input pins, the diode emits light. * **Output Stage:** A Phototransistor or Photo-IC. This component detects the light from the LED and becomes conductive, allowing current to flow on the output side. ```mermaid graph LR A[Input Pin +] --> B(Internal LED) B -- Light Beam --> C(Phototransistor) C --> D[Output Pin] style B fill:#f96,stroke:#333 style C fill:#69f,stroke:#333 ``` --- ### 4. Common Applications The PHSH-B2C is frequently utilized in the following environments: * **Programmable Logic Controllers (PLCs):** For isolated I/O ports. * **Switching Power Supplies:** For feedback loops to maintain voltage regulation. * **Motor Drives:** To transmit PWM signals from the MCU to the power transistors safely.
    ✨ Follow-up Questions
    • What are the pinout configurations for the PHSH-B2C?
    • How does the PHSH-B2C compare to standard PC817 optocouplers?
    • What is the maximum operating temperature for this component?