Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PL580-69QCL-R

  • AI
    ## Technical Overview: PL580-69QCL-R The **PL580-69QCL-R** is a high-performance, low-phase-noise **Voltage Controlled Crystal Oscillator (VCXO)** integrated circuit, developed by Microchip Technology (formerly PhaseLink). It is specifically designed for high-frequency applications requiring high stability and low jitter. --- ### 1. General Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology | | **Part Series** | PL580 | | **Type** | VCXO IC (Clock Generator) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Frequency Range** | Up to 800MHz (Output) | | **Supply Voltage** | 2.5V or 3.3V | | **Package Type** | 16-Pin QFN (3x3 mm) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Characteristics #### A. Architecture The device integrates a fundamental crystal oscillator circuit with a specialized phase-locked loop (PLL) architecture. It is designed to work with a fundamental crystal (typically 19MHz to 52MHz) and multiply it to reach high frequencies without sacrificing phase noise performance. #### B. LVPECL Output The "QC" in the part number signifies the **LVPECL** output. This is a differential signaling standard characterized by: * High speed and low skew. * Excellent noise immunity. * Requirement for specific termination (typically 50 ohms to $V_{CC} - 2V$). #### C. Phase Noise & Jitter This IC is engineered for "Ultra-Low Jitter." It typically achieves: * **RMS Phase Jitter:** < 0.3ps (12kHz to 20MHz). * **Phase Noise:** Very low floors, making it suitable for 10GbE, Fibre Channel, and SONET/SDH applications. --- ### 3. Pin Functionality (Key Pins) | Pin Name | Function | Description | | :--- | :--- | :--- | | **VC** | Voltage Control | Analog input to adjust the output frequency (Pullability). | | **XIN / XOUT** | Crystal Inputs | Connections for the external fundamental crystal. | | **OUTP / OUTN** | Differential Output | The positive and negative LVPECL clock outputs. | | **VDD / VSS** | Power / Ground | Power supply pins (2.5V or 3.3V). | | **OE** | Output Enable | Logic input to enable or tri-state the outputs. | --- ### 4. Part Number Breakdown * **PL580-69**: The base model and performance tier (69 indicates specific gain/frequency characteristics). * **Q**: Package code for **QFN**. * **C**: Commercial/Industrial temperature range. * **L**: Lead-free / RoHS compliant. * **-R**: Tape and Reel packaging (shipping format). --- ### 5. Common Applications * **Networking:** 10 Gigabit Ethernet switches and routers. * **Telecommunications:** SONET, SDH, and Stratum 3/4 clocks. * **Storage:** Fibre Channel Host Bus Adapters (HBAs). * **Data Conversion:** Providing a clean clock source for high-speed ADCs and DACs.
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the LVPECL output on this IC?
    • ⤷ Can this part be used with a 2.5V power supply instead of 3.3V?
    • ⤷ What is the typical pull range (PPM) for the Voltage Control (VC) pin?