Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PLL500-17TCL-R

  • AI
    The **PLL500-17TCL-R** is a low-phase noise, high-performance VCXO (Voltage Controlled Crystal Oscillator) IC designed for high-frequency clock generation. It is commonly used in telecommunications and data networking applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | PhaseLink (now part of Microchip/Micrel) | | **Package Type** | SOT-23 (6-pin) | | **Input Frequency** | 17MHz to 36MHz (Crystal) | | **Output Frequency** | Up to 36MHz (Fundamental Mode) | | **Operating Voltage** | 3.3V (Typical) | | **Output Type** | CMOS | | **Pulling Range** | ±100 ppm to ±200 ppm | --- ### 2. Functional Components The IC integrates several critical electronic sections into a small form factor: 1. **Crystal Oscillator Circuit:** Designed to work with a fundamental mode crystal. It includes internal load capacitors to reduce external component count. 2. **Varactor Diode:** An internal voltage-variable capacitance that allows the output frequency to be "pulled" or tuned by adjusting the voltage on the `VIN` pin. 3. **Low Noise Buffer:** Provides a stable CMOS output while isolating the oscillator core from load variations, ensuring signal integrity. 4. **Voltage Control (VIN):** The analog input pin that controls the frequency deviation. This is the heart of the "VCXO" functionality. --- ### 3. Pin Configuration The SOT-23-6L package is typically mapped as follows: | Pin # | Pin Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Voltage Control Input (Tuning Voltage) | | 2 | **GND** | Ground Connection | | 3 | **XIN** | Crystal Input | | 4 | **XOUT** | Crystal Output | | 5 | **VDD** | Power Supply (2.25V to 3.63V) | | 6 | **CLK** | CMOS Clock Output | --- ### 4. Applications Because of its low jitter and high pulling range, it is primarily used in: * **Set-top boxes** and Digital TVs. * **xDSL / Cable Modems** for clock synchronization. * **Phase-Locked Loops (PLL)** as a local oscillator component. * **Audio/Video** gear requiring precise clock trimming. --- ### 5. Ordering Information Decoded * **PLL500-17:** The base part series (Low Phase Noise VCXO). * **T:** Refers to the Package (SOT-23). * **C:** Commercial Temperature Range (0°C to +70°C). * **L:** Lead-free / RoHS compliant. * **-R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the typical pulling range for this VCXO?
    • ⤷ How does the VIN pin affect the output frequency?
    • ⤷ Are there any equivalent alternative ICs for the PLL500-17 series?