Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PLL620-09OCL-R

  • AI
    The **PLL620-09OCL-R** is a high-performance, low-power CMOS-based Phase-Locked Loop (PLL) frequency multiplier. It is specifically designed for high-speed clock generation in networking and communication systems. --- ### ## 1. Technical Specifications The following table summarizes the key electrical and operational parameters of the device: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Package Type** | SOP-8 (Small Outline Package) | | **Input Frequency Range** | 10 MHz to 30 MHz (Crystal or Reference) | | **Output Frequency Range** | Up to 120 MHz | | **Supply Voltage (VDD)** | 3.3V ± 10% | | **Output Type** | CMOS / TTL | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Jitter (RMS)** | < 10ps (typical) | --- ### ## 2. Core Functional Blocks The "Electronic Parts" within this IC work together to stabilize and multiply frequencies: 1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock with the feedback clock from the VCO. 2. **Charge Pump & Loop Filter:** Converts the phase error into a control voltage. The internal loop filter minimizes external component count. 3. **Voltage Controlled Oscillator (VCO):** Generates the actual output signal based on the control voltage provided by the charge pump. 4. **Frequency Multiplier/Dividers:** Internal logic that determines the multiplication factor (in the case of the -09 variant, it typically provides a 3x or 4x multiplication depending on configuration). --- ### ## 3. Pin Configuration (SOP-8) Understanding the pins is crucial for PCB integration: * **VDD / VSS:** Power supply and ground pins. * **XIN / XOUT:** Connections for the reference crystal or an external reference clock. * **CLKOUT:** The synchronized, high-frequency output signal. * **OE (Output Enable):** A control pin to enable or disable the clock output for power saving or testing. --- ### ## 4. Key Features & Applications * **Low Phase Noise:** Ideal for driving sensitive high-speed digital circuits. * **Space Saving:** The integrated loop filter means you do not need external capacitors for the PLL loop. * **Typical Uses:** * Ethernet switches and routers. * Fibre Channel devices. * Set-top boxes and digital media players.
    ✨ Follow-up Questions
    • ⤷ What are the specific crystal requirements for the PLL620-09OCL-R?
    • ⤷ How does the Output Enable (OE) pin affect power consumption?
    • ⤷ Is there a lead-free or RoHS compliant version of this part?