Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PLL701-17SCL-R

  • AI
    ## Detailed Analysis of PLL701-17SCL-R The **PLL701-17SCL-R** is a high-performance CMOS Low-Phase Noise Clock Multiplier manufactured by Microchip Technology (originally PhaseLink). It is designed to generate a high-frequency, low-jitter clock output from a lower-frequency crystal or clock input. --- ### 1. Key Specifications and Features The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Function** | VCXO / Clock Multiplier | | **Input Frequency Range** | 10 MHz to 27 MHz | | **Output Frequency Range** | 10 MHz to 27 MHz (Pass-through/Multiplied) | | **Supply Voltage (VDD)** | 3.3V ± 10% | | **Output Type** | CMOS | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ### 2. Functional Components The device utilizes several internal electronic sub-systems to manage signal integrity: * **Phase-Locked Loop (PLL):** The core of the chip that synchronizes the output frequency with the phase of the input signal. * **Voltage Controlled Crystal Oscillator (VCXO):** Allows the output frequency to be fine-tuned via a control voltage (VCON pin), typically used for clock synchronization in video or audio applications. * **Loop Filter:** Integrated on-chip to reduce external component count and minimize noise interference. * **Output Buffer:** Drives the CMOS level clock signal to the rest of the PCB circuit. --- ### 3. Pin Configuration (SOIC-8) Below is the standard pinout representation for the PLL701-17 series: | Pin # | Symbol | Type | Description | | :--- | :--- | :--- | :--- | | 1 | XIN / CLK | I | Crystal input or reference clock input. | | 2 | VDD | P | 3.3V Power Supply. | | 3 | GND | P | Ground connection. | | 4 | XOUT | O | Crystal output connection. | | 5 | CLKOUT | O | CMOS Clock Output. | | 6 | OE / PDB | I | Output Enable or Power Down (Active High). | | 7 | VCON | I | Voltage Control input for VCXO tuning. | | 8 | NC / FIN | - | No connection or Frequency Input (variant dependent). | --- ### 4. Typical Applications This specific part is frequently found in electronic designs requiring precise timing: 1. **Set-Top Boxes:** For synchronizing audio and video streams. 2. **xDSL / Modems:** Providing stable reference clocks for data transmission. 3. **MPEG Decoders:** Managing the high-speed clocking required for video decompression. 4. **PC Peripherals:** General-purpose clock synthesis. --- ### 5. Part Number Breakdown * **PLL701-17:** Device family (Low-phase noise clock multiplier). * **S:** Package code for SOIC. * **C:** Commercial temperature range ($0^\circ C$ to $+70^\circ C$). * **L:** Lead-free / RoHS compliant. * **-R:** Shipped in Tape & Reel format for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the phase noise characteristics of the PLL701-17SCL-R?
    • ⤷ Can this IC be used with a 5V power supply?
    • ⤷ What is the recommended crystal load capacitance for this device?