PM20-R68M
AI

The **PM20-R68M** is a surface-mount (SMD) fixed inductor commonly used in power management and signal filtering circuits. It belongs to the PM20 series, typically manufactured by companies like Bourns.
### Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by the 'M' suffix) |
| **Case Size (EIA)** | 1210 |
| **Case Size (Metric)** | 3225 (3.2mm x 2.5mm) |
| **Core Material** | Ferrite / Wire-wound |
| **Termination** | Solder-plated (RoHS compliant) |
---
### Component Identification Breakdown
The part number can be decoded as follows:
* **PM20**: The series identifier (Standard SMD chip inductor).
* **R68**: The inductance value. The "R" acts as a decimal point ($0.68$).
* **M**: The tolerance code ($M = \pm20\%$).
---
### Key Electrical Characteristics
1. **High Self-Resonant Frequency (SRF):** Due to its small size and wire-wound construction, it maintains inductive properties into high-frequency ranges.
2. **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation.
3. **Current Handling:** Capable of handling moderate DC currents, making it suitable for decoupling and small power converters.
---
### Common Applications
* **DC/DC Converters:** Used as an energy storage element in buck/boost regulators.
* **Signal Filtering:** Employed in Low Pass Filters (LPF) to remove high-frequency noise from signal lines.
* **Decoupling:** Placed near IC power pins to prevent noise from entering the power rail.
* **Consumer Electronics:** Found in mobile phones, GPS units, and portable media players.
- ⤷What is the maximum current rating for the PM20-R68M?
- ⤷ What are the alternatives to ferrite core inductors for high-power applications?
- ⤷ How does temperature affect the inductance of the PM20 series?