PS5023
AI

The **PS5023** is a high-performance, monolithic Synchronous Buck (Step-Down) Regulator. It is commonly used in consumer electronics to convert a higher input voltage into a lower, stable output voltage with high efficiency.
Below is a detailed breakdown of its electronic components, specifications, and internal architecture.
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 18V |
| **Output Current** | Up to 3A |
| **Switching Frequency** | ~500 kHz |
| **Feedback Voltage** | 0.8V (Internal Reference) |
| **Efficiency** | Up to 95% |
| **Package Type** | SOT-23-6 |
---
### 2. Internal Functional Blocks
The PS5023 integrates several critical electronic parts onto a single silicon die:
1. **MOSFET Switches:** It contains both a High-Side and a Low-Side Power MOSFET. Being "Synchronous" means it uses a MOSFET instead of a Schottky diode for the low side, which significantly reduces power loss.
2. **PWM Controller:** A Pulse Width Modulation engine that controls the duty cycle of the switches to maintain a constant output voltage.
3. **Error Amplifier:** Compares the feedback voltage (from the output) against an internal 0.8V reference to adjust the PWM signal.
4. **Soft-Start Circuitry:** Prevents current spikes during power-up by gradually increasing the output voltage.
5. **Protection Circuits:**
* **OCP (Over Current Protection):** Limits current to prevent damage during a short circuit.
* **OTP (Over Temperature Protection):** Shuts down the chip if it exceeds safe thermal limits (typically ~150°C).
* **UVLO (Under Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low to drive the internal gates.
---
### 3. Pin Configuration (SOT-23-6)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **GND** | Ground reference for the IC. |
| 2 | **SW** | Switching Node; connects to the external inductor. |
| 3 | **VIN** | Input supply voltage (4.5V - 18V). |
| 4 | **FB** | Feedback input; connected to a resistor divider to set output voltage. |
| 5 | **EN** | Enable pin. Logic high turns the IC on. |
| 6 | **BST** | Bootstrap pin. Requires a capacitor to provide gate drive for the high-side MOSFET. |
---
### 4. Typical Application Circuit Components
To make the PS5023 functional, it requires the following external electronic parts:
* **Inductor (L):** Usually 2.2µH to 10µH. It stores energy during the "on" cycle and releases it during the "off" cycle.
* **Input Capacitor ($C_{IN}$):** A low-ESR ceramic capacitor (e.g., 10µF - 22µF) to filter input noise.
* **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple.
* **Feedback Resistors ($R_1, R_2$):** Form a voltage divider to set the desired output voltage based on the formula:
`Vout = 0.8 * (1 + R1/R2)`
* **Bootstrap Capacitor ($C_{BST}$):** Usually a 0.1µF ceramic capacitor connected between SW and BST.
---
- ⤷
How do I calculate the resistor values for a 5V output using the PS5023?
- ⤷ What are the common alternatives or equivalents to the PS5023 regulator?
- ⤷ What is the recommended PCB layout strategy to minimize noise for this switching regulator?