PV10M-R10
AI

The **PV10M-R10** is an industrial-grade, high-performance **Photoelectric Slot Sensor** (also known as a Fork Sensor or U-frame sensor) commonly used in automated labeling, packaging, and precision positioning systems.
---
### 1. Technical Specifications
The following table highlights the core electronic and physical parameters of the PV10M-R10:
| Feature | Specification |
| :--- | :--- |
| **Sensing Distance (Slot Width)** | 10 mm |
| **Supply Voltage** | 10 to 30 VDC |
| **Output Type** | NPN / PNP (Push-Pull) |
| **Switching Frequency** | Up to 10 kHz (High Speed) |
| **Light Source** | Infrared (IR) Light |
| **Minimum Object Detection** | 0.5 mm (Gap/Label size) |
| **Current Consumption** | ≤ 30 mA |
| **Connection Type** | M8 4-pin Connector or Cable |
---
### 2. Core Electronic Components & Functions
The PV10M-R10 operates using a sophisticated internal circuit designed for speed and reliability:
* **Infrared Emitter:** An IR LED located on one side of the "U" arm. It emits a narrow beam that is invisible to the human eye, reducing interference from ambient visible light.
* **Photo-Transistor (Receiver):** Located directly opposite the emitter. It converts the incoming light signal into an electrical current.
* **ASIC (Application Specific Integrated Circuit):** This is the "brain" of the sensor. It processes the analog signal from the receiver, filters noise, and handles the logic for the output switching.
* **Potentiometer / Teach Button:** Most R10 models feature a sensitivity adjustment tool. This allows the user to calibrate the sensor to distinguish between a translucent label and a solid backing paper.
* **Output Driver:** A robust transistor-based circuit that provides the switching signal (NPN/PNP) to the PLC (Programmable Logic Controller).
---
### 3. Wiring Diagram (Standard M8 4-pin)
To integrate the sensor into an electronic system, the pinout typically follows this standard:
```text
Pin 1: Brown (+) -> 10-30V DC
Pin 2: White (NC) -> Not connected (or Teach function)
Pin 3: Blue (-) -> 0V (GND)
Pin 4: Black (OUT)-> Control Signal (NPN/PNP)
```
---
### 4. Key Advantages
1. **High Frequency:** The 10 kHz switching rate allows it to detect labels on conveyor belts moving at extremely high speeds without missing a pulse.
2. **Compact Metal Housing:** Usually built with a rugged aluminum or zinc die-cast frame to protect the internal electronics from vibration and electromagnetic interference (EMI).
3. **Stability:** High immunity to ambient light ensures that factory overhead lighting does not cause "ghost" triggers.
---
- ⤷
What is the difference between NPN and PNP output modes for this sensor?
- ⤷ How do I calibrate the sensitivity for transparent labels?
- ⤷ What are the mounting requirements for the PV10M-R10?