PV10M-R100
AI

The **PV10M-R100** is an industrial-grade **Proximity Sensor** (specifically a Retro-reflective Photoelectric Sensor). These components are widely used in automation for object detection without physical contact.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and operational characteristics:
| Feature | Specification |
| :--- | :--- |
| **Detection Principle** | Retro-reflective (Requires a reflector) |
| **Sensing Distance** | Up to 10 Meters (100dm) |
| **Output Type** | NPN/PNP (Push-Pull) |
| **Operating Voltage** | 10 - 30V DC |
| **Light Source** | Red LED (660nm) or Infrared |
| **Response Time** | ≤ 1ms |
| **Housing Material** | ABS / Polycarbonate |
| **Protection Rating** | IP67 (Dust tight and water immersion) |
---
### 2. Core Electronic Components
The internal circuitry of the PV10M-R100 consists of three main stages:
#### A. The Emitter Stage
- **Light Emitting Diode (LED):** Usually a high-intensity Red or Infrared LED.
- **Oscillator Circuit:** Pulses the LED at a high frequency (modulated light). This ensures the sensor ignores ambient light (like sunlight or room lamps) and only "listens" to its own frequency.
#### B. The Receiver Stage
- **Photodiode/Phototransistor:** Captures the light bounced back from the reflector.
- **Preamplifier & Filter:** Amplifies the weak signal and filters out noise.
- **Demodulator:** Converts the modulated pulses back into a steady DC signal for the logic controller.
#### C. The Output Stage
- **Comparator:** Decides if the received signal strength is high enough to trigger an "Object Detected" state.
- **Switching Transistor:** Usually a **Push-Pull** configuration.
- **NPN:** Switches the Load to the Negative rail.
- **PNP:** Switches the Load to the Positive rail.
---
### 3. Wiring Configuration
The device typically uses a standard 4-wire color code:
```markdown
1. Brown (BN): +V (10-30V DC)
2. White (WH): Complementary Output (NC)
3. Blue (BU): 0V (Ground)
4. Black (BK): Control Output (NO)
```
---
### 4. Application Logic
The **PV10M-R100** operates on the "Light-ON / Dark-ON" principle:
1. **Normal State:** Light travels to the reflector and back to the receiver.
2. **Detection State:** An object breaks the beam. The receiver loses the signal, and the internal transistor flips the output state to signal a "hit" to the PLC (Programmable Logic Controller).
- ⤷
How do you calibrate the sensitivity of the PV10M-R100?
- ⤷ What is the difference between a retro-reflective and a diffuse-reflective sensor?
- ⤷ Can this sensor be used in outdoor environments with high sunlight?