Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • PVG3G503C01R00

  • AI
    ## Technical Overview: PVG3G503C01R00 The **PVG3G503C01R00** is a specific model of a surface-mount (SMT) trimming potentiometer (trimmer) manufactured by **Murata Electronics**. It belongs to the **PVG3 series**, which is known for its high heat resistance and small footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 50 kΩ (503 code) | | **Resistance Tolerance** | ±20% | | **Power Rating** | 0.25W at 70°C | | **Adjustment Type** | Top Adjustment (Single Turn) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Temperature Coefficient** | ±100ppm/°C | | **Operating Temperature Range** | -55°C to +125°C | | **Number of Turns** | 1 (Mechanical Rotation 270°) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: * **PVG3**: Series name (3mm Square, Lead-frame type). * **G**: Terminal shape (G-wing style for SMT). * **503**: Resistance code. The first two digits (50) are significant figures; the third (3) is the multiplier ($10^3$). $50 \times 1,000 = 50,000 \Omega$ or **50 kΩ**. * **C01**: Internal design/material code. * **R00**: Packaging code (Standard Plastic Tape & Reel). --- ### 3. Component Construction * **Resistive Element:** Typically uses a **Cermet** (Ceramic-Metal) material. Cermet provides high stability and low noise compared to carbon composition. * **Form Factor:** It is a miniature 3mm square device, designed for high-density PCB layouts. * **Sealing:** The unit is typically sealed to withstand automated soldering processes and board washing. --- ### 4. Common Applications This component is used for fine-tuning circuits where resistance needs to be set once during manufacturing or calibration: 1. **LCD Contrast Adjustment:** Setting the bias voltage for displays. 2. **Sensor Calibration:** Adjusting the sensitivity or zero-point of analog sensors. 3. **Power Supplies:** Fine-tuning output voltage levels. 4. **Communication Equipment:** Adjusting signal gain or frequency filters. --- ### 5. Implementation Notes ```c // Design Tip: Layout // When designing the PCB footprint for the PVG3G503C01R00: // 1. Ensure the landing pads match the 'G-wing' lead profile. // 2. Keep the component away from high-heat sources to maintain // the 0.25W power rating. // 3. Provide sufficient clearance for a manual adjustment tool // (screwdriver) if the board is placed inside a casing. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-turn and multi-turn trimmer in terms of precision?
    • ⤷ Can this component be used in automotive environments based on its temperature range?
    • ⤷ What are the recommended soldering profiles for this specific Murata series?