Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • R10-R2W2AC

  • AI
    The code **R10-R2W2AC** typically refers to a specific type of **Precision Wirewound Resistor**. This nomenclature is common in industrial electronics and power supply design. ### Breakdown of the Part Code | Segment | Component Attribute | Description | | :--- | :--- | :--- | | **R10** | Resistance Value | Represents **0.10 Ohms** (100mΩ). The 'R' acts as a decimal point. | | **R** | Tolerance Code | Generally indicates **±0.05%** or **±0.1%** precision (varies by brand, often ultra-high precision). | | **2W** | Power Rating | **2 Watts**. This is the maximum power the resistor can dissipate safely. | | **2AC** | Package/Series Type | Often refers to an axial leaded package with specific temperature coefficient (TCR) characteristics. | --- ### Technical Specifications #### 1. Wirewound Construction Unlike carbon film resistors, these are made by winding a metal wire (usually Nichrome or Manganin) around a ceramic core. * **Pros:** High stability, high precision, and excellent heat dissipation. * **Cons:** Inductive properties (not ideal for very high-frequency switching unless specified as non-inductive). #### 2. Resistance Value (0.10 Ω) This is a **Current Sensing Resistor** (Shunt). Because the resistance is so low, it is used to measure current by monitoring the voltage drop across it ($V = I \times R$). #### 3. Power Dissipation (2W) At 2 Watts, this resistor can handle significant current compared to standard 1/4W resistors. * *Calculation:* Using $P = I^2 \times R$, at 2W and 0.1Ω, the maximum continuous current is approximately **4.47 Amps**. --- ### Common Applications * **Power Supplies:** Used in the feedback loop for current regulation. * **Battery Management Systems (BMS):** Measuring charge and discharge rates. * **Motor Controllers:** Sensing the load on the motor to prevent over-current conditions. * **Precision Instrumentation:** Where resistance must remain stable despite temperature changes. --- ### Equivalent Components If you are looking for a replacement, ensure the following specs match: 1. **Resistance:** 0.1 Ω 2. **Wattage:** At least 2W (Higher is okay, lower is dangerous). 3. **Tolerance:** Check if your circuit requires the high precision (0.1% or better) or if a standard 1% resistor will suffice.
    ✨ Follow-up Questions
    • ⤷What is the temperature coefficient (TCR) for this type of wirewound resistor?
    • ⤷ Can I replace a wirewound resistor with a metal film resistor of the same value?
    • ⤷ How do I calculate the voltage drop across this R10 resistor at 2 Amps?