R10S-R2W2AC
AI

The **R10S-R2W2AC** is a specific part number from the **R10 Series** of electromagnetic relays, originally manufactured by TE Connectivity (Potter & Brumfield). These relays are renowned for their versatility, compact size, and multi-pole configurations.
---
## 1. Technical Specifications Breakdown
The alphanumeric code provides specific details about the relay's construction and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | R10 | Low profile, multi-pole cradle-type relay. |
| **Sensitivity** | S | Sensitive DC coil (requires less power to activate). |
| **Mounting** | R | PCB Terminal / Through-hole mounting. |
| **Contact Arrangement** | 2 | 2 Form C (DPDT - Double Pole Double Throw). |
| **Contact Material** | W | Silver-cadmium oxide contacts (good for general loads). |
| **Coil Voltage** | 2 | Indicates the coil resistance/voltage rating (typically 12V or 24V DC depending on sub-series). |
| **Case Style** | AC | Clear polycarbonate dust cover. |
---
## 2. Key Electronic Components
### A. The Coil (Actuator)
The "S" designation indicates a **Sensitive DC Coil**.
* **Function:** Converts electrical energy into a magnetic field to move the armature.
* **Power Consumption:** Sensitive coils typically operate at 50mW to 500mW, making them ideal for circuits where driving current is limited (e.g., transistor-driven circuits).
### B. The Contacts (Switching)
* **2 Form C (DPDT):** The relay contains two independent sets of Changeover switches. Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) pin.
* **Material (W):** Silver-cadmium oxide. This material is chosen for its excellent resistance to "welding" and material transfer during high-inrush current events.
### C. Mechanical Housing
* **Dust Cover (AC):** The "AC" suffix denotes a transparent plastic enclosure. This protects the internal mechanical linkages from dust and debris while allowing for visual inspection of the contact state.
---
## 3. Electrical Characteristics (Typical)
| Feature | Rating |
| :--- | :--- |
| **Contact Rating** | 2A to 7.5A (Depending on voltage/load type) |
| **Max Switching Voltage** | 120VAC / 30VDC |
| **Dielectric Strength** | 500V rms between open contacts |
| **Operating Temperature** | -55°C to +75°C |
---
## 4. Common Applications
* **Industrial Controls:** Logic level switching in control panels.
* **Telecommunications:** Signal routing and circuit isolation.
* **Test Equipment:** Multi-channel switching where space is at a premium.
* **Audio Equipment:** Signal path bypass and speaker protection.
- ⤷
What is the exact coil resistance for the '2' voltage code in this series?
- ⤷ How does '2 Form C' differ from '2 Form A' in relay terminology?
- ⤷ Can this relay be used to switch inductive AC loads?