Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • RBS-6D-R

  • AI
    The **RBS-6D-R** is an industrial-grade **6-Channel Relay Board** (often manufactured by companies like Shavison or similar industrial automation brands). It is designed to interface low-power control signals (from a PLC or Microcontroller) with high-power loads. --- ## 1. Core Electronic Components The device consists of several key electronic sections that allow it to function as an isolated switch: | Component | Function | Description | | :--- | :--- | :--- | | **Electromagnetic Relays** | Switching Mechanism | Usually 6 individual relays. These provide the physical connection/disconnection of the load circuit. | | **Freewheeling Diodes** | Back-EMF Protection | Connected across the relay coils to suppress high-voltage spikes when the coil is de-energized. | | **LED Indicators** | Visual Feedback | Small LEDs (usually green or red) that light up when a specific channel is active. | | **Transistor Drivers** | Signal Amplification | Since a PLC/MCU cannot provide enough current to flip a relay, transistors act as switches for the coils. | | **Zener Diodes** | Voltage Regulation | Protects the input circuit from over-voltage conditions. | | **Screw Terminals** | Connectivity | Heavy-duty connectors for both control inputs and high-voltage outputs (COM, NO, NC). | --- ## 2. Technical Specifications The "RBS" series typically follows a standard industrial footprint. Below are the common electronic ratings: * **Coil Voltage:** Usually 24V DC (Common for industrial PLCs). * **Contact Rating:** Typically 5A to 10A at 250V AC / 30V DC. * **Channel Count:** 6 Independent Channels. * **Mounting:** DIN Rail (standard for electrical cabinets). * **Contact Type:** SPDT (Single Pole Double Throw), meaning each channel has **NO** (Normally Open) and **NC** (Normally Closed) contacts. --- ## 3. Circuit Logic & Operation ### Input Side (Low Power) 1. A **24V DC signal** is sent from the Controller (PLC). 2. The signal passes through an internal **transistor** which acts as a gate. 3. The **LED** illuminates to show that the channel has received the command. ### Output Side (High Power) 1. The energized coil creates a magnetic field, pulling the internal **armature**. 2. The contact moves from the **NC** terminal to the **NO** terminal. 3. The external load (Motor, Solenoid, Light) connected to the **COM** (Common) and **NO** terminals receives power. --- ## 4. Key Advantages of the RBS-6D-R Design * **Isolation:** There is no electrical connection between the control signal (24V) and the load (230V), protecting the PLC from surges. * **Replaceability:** Many versions use plug-in relays, allowing you to replace a single blown relay without desoldering the entire board. * **Compactness:** 6 channels are packed into a slim DIN-rail housing to save space in electrical panels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NO and NC terminals on the RBS-6D-R?
    • ⤷ Can the RBS-6D-R be triggered by a 5V Arduino signal directly?
    • ⤷ What are the common failure modes of industrial relay boards?