REF02A
AI

The **REF02A** is a precision voltage reference integrated circuit (IC) that provides a stable +5.0V output. It is widely used in applications requiring high accuracy and low drift, such as Analog-to-Digital Converters (ADCs) and Digital-to-Analog Converters (DACs).
---
### ## Key Specifications and Features
The REF02A is known for its "buried Zener" design, which offers better stability than standard bandgap references.
| Parameter | Specification (Typical/Max) |
| :--- | :--- |
| **Output Voltage** | +5.0V DC |
| **Input Voltage Range** | 7V to 40V |
| **Temperature Drift** | 8.5 ppm/°C (Max) |
| **Output Adjustment** | ±6% via Trim pin |
| **Output Current** | 10 mA (Source capability) |
| **Temperature Sensor Output**| ~2.1 mV/K |
---
### ## Pin Configuration and Functions
The REF02A is typically available in an 8-pin package (DIP or SOIC).
1. **Pin 1 (TEMP):** Provides a voltage output proportional to the chip's temperature.
2. **Pin 2 (VIN):** Supply voltage input (7V to 40V).
3. **Pin 3 (NC):** No internal connection.
4. **Pin 4 (GND):** Ground reference.
5. **Pin 5 (TRIM):** Allows fine-tuning of the 5V output using a potentiometer.
6. **Pin 6 (VOUT):** The precision 5V output.
7. **Pin 7 (NC):** No internal connection.
8. **Pin 8 (NC):** No internal connection.
---
### ## Internal Working Principle
The device utilizes a **Buried Zener Reference** circuit. Unlike surface Zeners, which are susceptible to noise and surface contamination, a buried Zener is located deep within the silicon, resulting in:
* **Lower Noise:** Extremely low flicker and thermal noise.
* **Long-term Stability:** Minimal voltage shift over thousands of hours of operation.
* **Temperature Compensation:** Internal circuitry offsets the thermal coefficients to maintain the 8.5 ppm/°C rating.
---
### ## Practical Implementation Example
To use the REF02A as a basic 5V reference with a trim adjustment, you can follow this layout:
```c
/* Typical Application Layout */
[Vin: 15V] ----> [Pin 2: VIN]
[Pin 4: GND] ----> Common Ground
[Pin 6: VOUT] ----> (Stable 5.00V Output)
[Pin 5: TRIM] ----> Connected to a 10k Potentiometer wiper
```
### ## Applications
* **Precision ADCs/DACs:** Provides the "yardstick" for measuring analog signals.
* **Digital Voltmeters:** High-accuracy calibration source.
* **Precision Current Sources:** When combined with an Op-Amp.
* **Temperature Monitoring:** Using the TEMP pin to track system heat.
---
- ⤷How do you calculate the output voltage change based on the 8.5 ppm/°C temperature drift?
- ⤷ What is the difference between the REF02A and the standard REF02 model?
- ⤷ Can the REF02A be used to provide a negative voltage reference?