RG3-112S-R15
AI

The **RG3-112S-R15** is a specific model of an **Electromagnetic Relay**, typically categorized as a miniature power relay used in various industrial and consumer electronics for switching high-current loads with a low-power control signal.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the core electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | SPDT (1 Form C) - Single Pole Double Throw |
| **Coil Voltage** | 12V DC |
| **Contact Rating** | Typically 10A to 15A at 250VAC/30VDC |
| **Coil Power** | Approx. 360mW to 450mW |
| **Terminal Type** | PCB Mounting (Through-hole) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgNi) |
---
### 2. Breakdown of the Model Number
The part number can be decoded to understand its internal construction:
* **RG3**: The series designation (Miniature Power Relay).
* **1**: Number of poles (1 Pole).
* **12**: Rated Coil Voltage (12V DC).
* **S**: Sealing type (Usually indicates "Sealed" or "Wash Tight").
* **R15**: Specific Revision or High Capacity identifier (often denotes 15A switching capability).
---
### 3. Internal Components & Operation
The device consists of four primary electronic/mechanical parts:
1. **The Coil:** A copper wire winding around an iron core. When 12V DC is applied, it creates an electromagnetic field.
2. **The Armature:** A moving lever attracted by the coil's magnetic field.
3. **The Contacts:**
* **Normally Closed (NC):** Touches the common pin when the coil is OFF.
* **Normally Open (NO):** Touches the common pin when the coil is ON.
4. **The Spring:** Returns the armature to the original position once power is removed from the coil.
---
### 4. Common Applications
* **Home Appliances:** Control boards for air conditioners, heaters, and microwave ovens.
* **Automotive:** Power windows, central locking, or lighting control.
* **Industrial Automation:** PLC output modules and motor control.
* **Power Supplies:** Used in Uninterruptible Power Supplies (UPS) for switching between mains and battery.
---
- ⤷
What is the maximum switching voltage for the RG3-112S-R15?
- ⤷ Can this relay be triggered directly by an Arduino or microcontroller?
- ⤷ What is the difference between the 'S' (sealed) and non-sealed versions of this relay?