RL0809-103-R
AI

The **RL0809-103-R** is a specific model of a **Radial Leaded Inductor** (often referred to as a "bobbin core" or "choke" inductor). These components are primarily used for power management and noise filtering in electronic circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **RL** | Series Prefix | Radial Leaded Inductor series. |
| **0809** | Physical Size | Approximately 8mm (diameter) x 9mm (height). |
| **103** | Inductance Value | **10,000 µH** (or 10mH). The first two digits are the value, the third is the multiplier ($10 \times 10^3$). |
| **-R** | Compliance | RoHS compliant (Lead-free). |
---
### 2. Technical Specifications
While exact parameters can vary slightly by manufacturer (such as Bourns or local equivalents), standard specs for this part include:
* **Inductance:** 10 mH (Millihenries).
* **Tolerance:** Typically ±10%.
* **Core Material:** Ferrite (high permeability, low loss at high frequencies).
* **Packaging:** Radial leads (through-hole mounting) usually encased in UL-shrunk tubing for protection.
* **Current Rating (IDC):** Usually low (approx. 30mA - 80mA) because of the high inductance value and thin wire gauge.
* **DC Resistance (DCR):** High (often in the range of 15–30 Ohms) due to the large number of wire turns required for 10mH.
---
### 3. Key Applications
Because of its high inductance and relatively low current capacity, the RL0809-103-R is used for:
1. **EMI/RFI Filtering:** Suppressing high-frequency noise in power supplies.
2. **Signal Processing:** Used in low-frequency filters or timing circuits.
3. **Power Supplies:** Acts as a "choke" in DC-DC converters to smooth out ripples in the current.
4. **Audio Circuits:** Used in crossover networks or noise isolation.
---
### 4. Comparison Table: Radial vs. Surface Mount (SMD)
| Feature | RL0809 (Radial) | SMD Inductor |
| :--- | :--- | :--- |
| **Mounting** | Through-hole (PCB holes) | Surface Mount (Pads) |
| **Repairability** | Easy to replace manually | Requires soldering station |
| **Mechanical Stability** | High (leads provide anchor) | Moderate |
| **Space Efficiency** | Takes vertical space | Compact footprint |
---
- ⤷
What is the maximum current rating for the RL0809-103-R?
- ⤷ How does the DCR of this inductor affect circuit efficiency?
- ⤷ Can this inductor be used in high-frequency switching power supplies?