Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • RXM2AB3F7

  • AI
    The **RXM2AB3F7** is a specific model of an electromechanical plug-in relay manufactured by **Schneider Electric** (under the Zelio Relay range). It is widely used in industrial automation for switching electrical loads. --- ## 1. Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 120 V AC (50/60 Hz) | | **Contact Configuration** | 2 C/O (Double Pole Double Throw - DPDT) | | **Rated Current** | 12 A | | **Control Type** | Lockable test button | | **Status LED** | Yes (Built-in for visual diagnosis) | | **Pin Shape** | Flat (Plug-in type) | --- ## 2. Key Electronic & Mechanical Components The RXM2AB3F7 consists of several internal components that allow it to function as a bridge between a low-power control signal and a high-power load. ### A. The Coil (The Actuator) * **Function:** When 120V AC is applied, the coil creates a magnetic field. * **Material:** Fine copper wire wound around a core. * **Electronic Characteristic:** It acts as an inductor. When power is removed, it may produce a "back EMF" spike, though standard AC coils are less sensitive to this than DC coils. ### B. The Contacts (The Switch) * **Material:** Usually silver alloy (AgNi) to resist oxidation and electrical arcing. * **DPDT Logic:** It has 2 sets of Change-Over (C/O) contacts. Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) terminal. ### C. The Armature and Spring * **Operation:** The magnetic field pulls the metal armature toward the coil, moving the contacts. When power is lost, a mechanical spring forces the contacts back to their resting state. ### D. Visual Diagnostic Tools * **LED Indicator:** A small light-emitting diode wired in parallel with the coil to indicate when the relay is energized. * **Mechanical Indicator:** A small green/red flag that moves physically to show the state of the contacts. * **Manual Test Button:** A turquoise-colored button that allows technicians to manually force the contacts closed to test the downstream circuit. --- ## 3. Wiring Diagram Concept To use the RXM2AB3F7, it is typically plugged into a **RXZE** series socket. ```text [ Power Source 120VAC ] ----( Pin 13 / 14 )---- [ Coil ] [ Load Circuit ] --------( Pin 9 / 12 )---- [ Common ] |----( Pin 5 / 8 )---- [ Normally Open ] |----( Pin 1 / 4 )---- [ Normally Closed ] ``` --- ## 4. Common Applications * **Isolation:** Separating a PLC (Programmable Logic Controller) output from a high-voltage motor or heater. * **Signal Multiplication:** Using one input signal to switch two different circuits simultaneously. * **Logic Interlocking:** Creating hardware-level safety interlocks in control panels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RXM2AB3F7 and the RXM4AB3F7?
    • ⤷ Which mounting sockets are compatible with this relay?
    • ⤷ How does the lockable test button work during maintenance?