Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SB240L-SMB-R

  • AI
    The **SB240L-SMB-R** is a specific type of electronic component known as a **Schottky Barrier Rectifier**. It is primarily used for power management, rectification, and protection in electronic circuits. Below is a detailed breakdown of its specifications and characteristics. ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | High-speed switching diode | | **Forward Current ($I_F$)** | 2.0 Amperes | Maximum average rectified current | | **Reverse Voltage ($V_{RRM}$)** | 40 Volts | Maximum repetitive peak reverse voltage | | **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.50V | Low voltage drop for high efficiency | | **Package Type** | SMB (DO-214AA) | Surface-mount plastic package | | **Operating Temperature** | -55°C to +150°C | Standard industrial range | --- ### 2. Breakdown of the Part Number The nomenclature provides specific information about the diode's construction: * **SB:** Stands for **Schottky Barrier**. * **240:** Represents **2 Amps** (Current) and **40 Volts** (Voltage). * **L:** Often indicates **Low** $V_F$ (Low Forward Voltage) for better efficiency. * **SMB:** Refers to the physical **Package Size** (Surface Mount Device). * **R:** Usually indicates **RoHS Compliant** or **Tape & Reel** packaging. --- ### 3. Core Features and Advantages * **Low Forward Voltage Drop:** Because it is a Schottky diode rather than a standard PN-junction diode, it loses less power as heat, making it ideal for battery-operated devices. * **Fast Switching:** Schottky diodes have negligible reverse recovery time, allowing them to operate in high-frequency switching power supplies. * **Guard Ring Construction:** Most "SB" series diodes feature a guard ring for transient protection and high reliability. * **Surface Mount Design:** The SMB package is designed for automated pick-and-place assembly on PCBs. --- ### 4. Typical Applications The SB240L is commonly found in the following circuits: 1. **DC-DC Converters:** Used as freewheeling diodes to maintain current flow when switches open. 2. **Polarity Protection:** Placed at power inputs to prevent damage if a battery or power supply is connected backward. 3. **AC-DC Rectification:** Converting low-voltage AC to DC in small adapters. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SMB and an SMA package for this diode?
    • ⤷ How does the 'Low Forward Voltage' (L) affect thermal management in a circuit?
    • ⤷ Can I use an SB240L as a replacement for a standard 1N4001 diode?