Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SB540L-SMB-R

  • AI
    The **SB540L-SMB-R** is a high-efficiency Schottky Barrier Rectifier diode commonly used for power management and rectification. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Overview The SB540L belongs to the Schottky diode family, which is characterized by its metal-to-semiconductor junction. This results in a significantly lower forward voltage drop and faster switching speeds compared to standard P-N junction diodes. ### 2. Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V | Maximum voltage the diode can block in reverse. | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 5.0A | Maximum continuous current the diode can handle. | | **Peak Forward Surge Current ($I_{FSM}$)** | 120A | Max current for 8.3ms half sine-wave pulse. | | **Maximum Forward Voltage ($V_F$)** | ~0.45V to 0.50V | Low voltage drop, reducing power loss. | | **Package Type** | SMB (DO-214AA) | Surface-mount package. | | **Operating Junction Temperature** | -55°C to +150°C | Thermal operating range. | --- ### 3. Key Electronic Features * **Low Power Loss:** Because the $V_F$ is lower than standard diodes (which are typically 0.7V - 1.1V), it generates less heat and is more efficient. * **High Current Capability:** Despite its small surface-mount footprint, it can handle up to 5 Amperes. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency circuits. * **Guard Ring Protection:** Most SB540L models include a built-in guard ring for stress protection and high reliability. --- ### 4. Part Number Breakdown The suffixing in the part number usually indicates the packaging and physical format: * **SB540L:** The base model (5A, 40V, Low $V_F$). * **SMB:** Indicates the package size (Surface Mount Device, Type B). * **R:** Usually denotes "Tape and Reel" packaging for automated assembly. --- ### 5. Common Applications 1. **Switching Power Supplies:** Used as an output rectifier in DC-DC converters. 2. **Freewheeling Diode:** Protects circuits from inductive spikes in motor controllers or relay drivers. 3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards. 4. **Low Voltage Rectification:** High efficiency in battery-powered portable devices.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SB540L and a standard 1N5408 diode?
    • ⤷ How does the SMB package compare to the SMA and SMC packages in terms of heat dissipation?
    • ⤷ Can the SB540L be used in AC-to-DC bridge rectifiers?