SCI1008S-R33F
AI

The **SCI1008S-R33F** is a surface-mount (SMD) wire-wound ceramic core chip inductor. It is commonly used in high-frequency RF (Radio Frequency) applications due to its high Q-factor and stable performance.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Segment | Meaning | Value |
| :--- | :--- | :--- |
| **SCI** | Series Name | Standard Chip Inductor |
| **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) |
| **S** | Material/Type | Standard Wire-wound |
| **R33** | Inductance Value | 0.33 µH (or 330 nH) |
| **F** | Tolerance | ±1% (High Precision) |
---
### 2. Key Technical Specifications
These are the typical operating parameters for this specific electronic part:
* **Inductance:** 330 nH (0.33 µH)
* **Tolerance:** ±1% (The "F" suffix indicates very tight tolerance, ideal for tuning circuits)
* **Core Material:** Ceramic (Provides excellent thermal stability and high SRF)
* **Quality Factor (Q):** Typically high (>45 at 100MHz), ensuring low signal loss.
* **Self-Resonant Frequency (SRF):** Usually around 600 MHz to 1 GHz.
* **Rated Current (Idc):** Generally between 300mA to 500mA (depending on manufacturer).
* **DC Resistance (DCR):** Typically low, around 0.5 to 1.0 Ohms.
---
### 3. Physical Characteristics
The component uses a **Wire-wound Construction**. Unlike multilayer inductors, wire-wound versions consist of copper wire wrapped around a ceramic core.
**Advantages of this construction:**
* Higher current carrying capacity.
* Much higher Q-factors.
* Lower DC resistance compared to multilayer types.
---
### 4. Common Applications
Due to the **R33 (330nH)** value and high precision, this part is found in:
1. **RF Matching Circuits:** Matching impedance between an antenna and a transceiver.
2. **Filter Networks:** Used in Low Pass or Band Pass filters for wireless communication.
3. **Oscillators:** Providing stable frequency references in VCOs.
4. **Wireless Modules:** Found in Wi-Fi, Bluetooth, and GPS hardware.
- ⤷What are the main differences between a ceramic core and a ferrite core inductor?
- ⤷ How does the 'Q-factor' affect the performance of this inductor in an RF circuit?
- ⤷ What are the soldering precautions for 1008 size wire-wound components?