AI

## SD3114-331-R: Technical Overview
The **SD3114-331-R** is a high-power density, low-profile, shielded drum core inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD3114 series, which is specifically designed for space-constrained applications requiring high efficiency.
---
### 1. Key Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 330 µH | Measured at 100 kHz, 0.1 Vrms |
| **Tolerance** | ±20% | Standard for power inductors |
| **Current Rating (Irms)** | 0.224 A | Based on a 40°C temperature rise |
| **Saturation Current (Isat)** | 0.246 A | Point where inductance drops by ~30% |
| **DC Resistance (DCR)** | 3.51 Ω | Typical resistance at 20°C |
| **Shielding** | Yes | Magnetic shielding to reduce EMI |
| **Operating Temp** | -40°C to +125°C | Includes self-heating |
---
### 2. Physical Characteristics
The "3114" in the part number refers to its physical dimensions, which are crucial for PCB layout:
* **Footprint:** 3.1mm x 3.1mm
* **Height:** 1.4mm (Max)
* **Construction:** Ferrite drum core with a ferrite sleeve (shielded).
* **Termination:** Matte tin over copper.
---
### 3. Electronic Functionality
The SD3114-331-R serves several critical roles in electronic circuits:
1. **Energy Storage:** In DC-DC converters (Buck, Boost, or SEPIC), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **EMI Suppression:** Because it is **shielded**, the magnetic flux is contained within the component. This prevents the inductor from interfering with nearby sensitive traces and helps the device pass electromagnetic compatibility (EMC) testing.
3. **Filtering:** It acts as a low-pass filter when paired with capacitors, smoothing out high-frequency ripple current from switching power supplies to provide a steady DC voltage.
---
### 4. Typical Applications
Due to its small size and 330 µH inductance value, this part is commonly found in:
* **Mobile Devices:** Smartphones, tablets, and wearables.
* **LCD Displays:** Backlight drivers and panel power.
* **Portable Medical Equipment:** Small diagnostic tools.
* **IoT Sensors:** Battery-powered devices requiring efficient power management.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series name (Shielded Drum) |
| **3114** | Dimensions (3.1 x 3.1 x 1.4 mm) |
| **331** | Inductance code (33 + one zero = 330 µH) |
| **-R** | RoHS compliant |
- ⤷
What are the recommended footprint dimensions for soldering the SD3114 series?
- ⤷
How does the saturation current (Isat) affect circuit performance if exceeded?
- ⤷
Are there alternatives with a lower DCR for the same 330 µH value?