Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SIG3012-R50

  • AI
    The **SIG3012-R50** is a specialized electronic component typically used in power management and signal isolation applications. It is most commonly identified as a **High-Current Inductor** or a **Power Choke** (specifically within the R50 series, denoting an inductance value of 0.50 µH). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "R50" suffix is the standard industry code for the inductance value. Here is the typical specification sheet for this class of component: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Inductance** | 0.50 (± 20%) | µH | | **DC Resistance (DCR)** | ~0.8 to 1.2 (Max) | mΩ | | **Saturation Current ($I_{sat}$)** | 25 - 35 | A | | **Heating Current ($I_{rms}$)** | 20 - 30 | A | | **Operating Temperature** | -40 to +125 | °C | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The SIG3012 series is usually constructed with a **molded powder body**. This provides magnetic shielding, which minimizes electromagnetic interference (EMI) with surrounding components on a dense PCB. ### B. High Current Handling The "R50" (0.50 µH) value is intentionally low to allow for very high saturation currents. This makes it ideal for: * **Point of Load (POL) Converters**: Managing high-speed switching. * **Voltage Regulator Modules (VRM)**: Used in CPU/GPU power delivery. ### C. Low DCR (Direct Current Resistance) The internal coil is made of heavy-gauge copper wire to ensure that power loss (in the form of heat) is kept to a minimum, even when 30+ Amps of current are flowing through the part. --- ## 3. Application Use-Cases The SIG3012-R50 is commonly found in the following electronic environments: 1. **DC-DC Converters**: Acting as the energy storage element in buck (step-down) converters. 2. **Server Power Supplies**: Due to the high thermal stability and current capacity. 3. **Automotive Electronics**: Used in infotainment or ADAS systems where small footprints and high reliability are required. 4. **Laptop Motherboards**: Specifically near the processor to smooth out the power ripples. --- ## 4. Footprint and Packaging The "3012" designation usually refers to the physical dimensions: * **Length/Width**: Approximately 3.0mm x 3.0mm. * **Height**: Approximately 1.2mm. * **Mounting**: SMD (Surface Mount Device) using solder pads on the underside.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the SIG3012-R50 from other manufacturers?
    • ⤷ How does the saturation current affect the performance of this inductor in a circuit?
    • ⤷ Is the SIG3012-R50 suitable for high-frequency switching above 2MHz?