Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SMA15VG-CA2-R

  • AI
    ## Overview: SMA15VG-CA2-R The **SMA15VG-CA2-R** is a high-performance, MEMS-based (Micro-Electro-Mechanical Systems) pressure sensor, typically manufactured by companies like **Bosch Sensortec** or similar specialized semiconductor firms. It is specifically designed for measuring **absolute pressure** in automotive and industrial environments. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Sensor Type** | MEMS Absolute Pressure | | **Pressure Range** | 15 kPa to 115 kPa (approx.) | | **Output Type** | Analog (Ratiometric) | | **Supply Voltage ($V_{DD}$)** | 4.75V to 5.25V | | **Supply Current** | < 10 mA | | **Operating Temperature** | -40°C to +125°C | | **Package Style** | SOIC-8 (typically) | --- ### 2. Functional Components The internal architecture of the SMA15VG-CA2-R consists of three main electronic stages: 1. **MEMS Sensing Element:** A silicon micromachined diaphragm with integrated piezoresistors. When pressure changes, the diaphragm deflects, altering the resistance. 2. **ASIC (Application-Specific Integrated Circuit):** This chip processes the weak signal from the MEMS element. It performs: * **Amplification:** Boosting the low-level signal. * **Temperature Compensation:** Correcting errors caused by thermal expansion/contraction. * **Calibration:** Ensuring the output voltage aligns precisely with the pressure range. 3. **Protective Housing:** The "CA2-R" suffix often denotes specific mechanical features, such as a gel-filled cavity to protect the electronics from harsh media (moisture, oil, or fuel vapors). --- ### 3. Pinout and Integration While specific pinouts can vary by manufacturer variants, a standard 8-pin configuration typically includes: * **VCC/VDD:** Power supply input. * **GND:** System ground. * **VOUT:** The analog output voltage signal. * **NC:** No Connection (used for mechanical stability). --- ### 4. Typical Applications Due to its reliability and specific pressure range, this part is commonly found in: * **Automotive Engine Management:** Manifold Absolute Pressure (MAP) sensing. * **Altimeters:** Measuring atmospheric pressure for altitude calculation. * **HVAC Systems:** Monitoring airflow and filter pressure drops. * **Weather Stations:** Barometric pressure tracking. --- ### 5. Implementation Example To read the sensor values using a microcontroller (like an Arduino or STM32), the analog output is connected to an Analog-to-Digital Converter (ADC). ```cpp // Pseudo-code for calculating Pressure from Analog Voltage float getPressure(int rawADC) { float voltage = (rawADC / 1023.0) * 5.0; // Assuming 10-bit ADC and 5V supply // Transfer function formula (example specific to sensor datasheet) float pressure = (voltage - 0.5) * (115.0 - 15.0) / (4.5 - 0.5) + 15.0; return pressure; } ```
    ✨ Follow-up Questions
    • ⤷What is the exact sensitivity (mV/kPa) of the SMA15VG-CA2-R?
    • ⤷ How does the 'VG' suffix affect the sensor's measurement type compared to standard models?
    • ⤷ What are the recommended ESD protection measures for this specific SOIC-8 package?