SMA36VG-CA2-R
AI

The **SMA36VG-CA2-R** is a specific surface-mount piezoelectric buzzer (audio indicator) typically manufactured by brands like **Mallory Sonalert** or **Challenge Electronics**. It is designed to provide loud audible feedback in a compact, automated-assembly-friendly package.
---
## 1. Technical Specifications
Below are the primary electrical and mechanical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Technology** | Piezoelectric |
| **Indicator Type** | Audio Indicator (Internal Circuitry) |
| **Operating Voltage** | 3.0V to 15.0V DC |
| **Rated Voltage** | 12.0V DC |
| **Current Consumption** | Max 15mA at rated voltage |
| **Sound Pressure Level (SPL)** | Min 85 dB @ 10cm / 12VDC |
| **Resonant Frequency** | 2500 Hz ± 500 Hz |
| **Mounting Type** | Surface Mount (SMT) |
| **Tone Type** | Continuous |
---
## 2. Key Features & Design
### Internal Driving Circuit
Unlike a simple "transducer" that requires an external square wave to function, the **SMA36VG-CA2-R** is an **indicator**. This means it has an integrated oscillating circuit. When DC voltage is applied, it automatically generates a tone.
### Construction
* **Housing:** PPS (Polyphenylene Sulfide) or similar high-temperature plastic to withstand reflow soldering.
* **Termination:** Brass or Bronze with Gold/Tin plating for reliable SMT soldering.
* **Washability:** Many models in this series are wash-resistant, featuring a removable label over the sound hole to protect the internal diaphragm during PCB cleaning.
---
## 3. Circuit Integration
Integrating this part into a design is straightforward. Because it contains its own driver, you only need a switching element (like a transistor or MOSFET) to control it.
### Example Schematic Connection
```text
VCC (3-15V) ----(+) Buzzer (-)----+
|
[Drain]
NMOS (e.g., 2N7002)
[Source]
|
GND
```
---
## 4. Typical Applications
* **Industrial Equipment:** Status alerts and error alarms.
* **Medical Devices:** Heart rate monitors or diagnostic equipment beepers.
* **Consumer Electronics:** Microwave ovens, washing machines, and security panels.
* **Automotive:** Dashboard warning sounds or parking sensor feedback.
- ⤷
What is the difference between an audio indicator and an audio transducer?
- ⤷ Can I use Pulse Width Modulation (PWM) to change the pitch of this specific buzzer?
- ⤷ What are the soldering temperature requirements for the SMA36VG-CA2-R during reflow?