AI

### Technical Overview: SMA36VG-CB2-R
The **SMA36VG-CB2-R** is a specific electronic component belonging to the family of **Surface Mount (SMT) Indicators** or **Display Modules**. Based on standard nomenclature for this series, it is a high-performance **Surface Mount Addressable (or Standard) LED Display**, typically used for numerical or status indications.
---
### Key Specifications
Below is a breakdown of the primary technical parameters for this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | 7-Segment LED Display |
| **Mounting Style** | Surface Mount (SMD/SMT) |
| **Color** | Green (VG usually denotes "Visible Green" or "Very Green") |
| **Number of Digits** | Single Digit |
| **Polarity** | Common Benzine/Anode or Cathode (Check specific datasheet) |
| **Packaging** | Tape and Reel (-R suffix) |
| **Operating Temperature** | -40°C to +85°C |
---
### Detailed Component Analysis
#### 1. Visual Characteristics
The "VG" in the part number indicates the specific wavelength of the light emitted. Typically, this is a **Green** LED with a dominant wavelength around **570nm**. The "CB" often refers to the face color and segment color (e.g., Black face, White segments).
#### 2. Electrical Properties
* **Forward Voltage ($V_F$):** Generally ranges between **2.0V to 2.4V** per segment.
* **Forward Current ($I_F$):** Rated typically at **20mA** for continuous operation.
* **Luminous Intensity:** Designed for high visibility even in compact form factors.
#### 3. Physical Dimensions
As an SMD part, it is designed for automated pick-and-place assembly. Its footprint is significantly smaller than traditional through-hole (DIP) displays, making it ideal for:
* Handheld devices.
* Compact industrial controllers.
* Consumer electronics (microwaves, clocks).
---
### Pin Configuration and Schematic
While specific pinouts vary by manufacturer (such as SunLED or American Bright), a standard 7-segment SMD display follows this logical mapping:
```text
A
-----
F | | B
| G |
-----
E | | C
| |
----- . DP
D
```
* **Segments:** A, B, C, D, E, F, G, and DP (Decimal Point).
* **Common Pin:** Depending on whether it is Common Anode or Cathode, all segments share one side of the circuit.
---
### Typical Applications
1. **Industrial Instrumentation:** Digital voltmeters and pressure gauges.
2. **Medical Equipment:** Heart rate monitors or portable diagnostic tools.
3. **Appliances:** Temperature displays for smart home devices.
- ⤷
What is the exact luminous intensity (mcd) for this specific Green LED model?
- ⤷ Is the SMA36VG-CB2-R a Common Anode or Common Cathode configuration?
- ⤷ What is the recommended reflow soldering profile for this SMD part?