Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SMA8VG-CA2-R

  • AI
    The **SMA8VG-CA2-R** is a high-performance **Servo Drive** from the SMA8 series, typically manufactured by companies like **SANYO DENKI** (SanMotion). It is designed to control AC servo motors with high precision and efficiency in industrial automation. --- ## 1. Technical Specifications The part number breakdown indicates specific electrical and mechanical characteristics: | Component | Description | | :--- | :--- | | **Series** | SMA8 (High-speed, high-precision digital servo) | | **Control Type** | Velocity, Position, and Torque control | | **Input Voltage** | Typically 200V - 230V AC (3-Phase or 1-Phase depending on power) | | **Interface** | Analog/Pulse Train or Fieldbus (e.g., EtherCAT/CANopen) | | **Cooling** | Forced Air (R-suffix often denotes specific fan/heat sink revisions) | --- ## 2. Key Internal Electronic Components To achieve precise motor control, the SMA8VG-CA2-R utilizes several critical electronic sub-systems: ### A. Power Stage (Inverter) * **IPM (Intelligent Power Module):** The heart of the drive. It contains high-speed **IGBTs** (Insulated Gate Bipolar Transistors) that switch the DC bus voltage into a 3-phase PWM output for the motor. * **Rectifier Bridge:** Converts the incoming AC line voltage into DC voltage. ### B. Control Circuitry * **DSP (Digital Signal Processor):** Handles high-speed calculations for current loops, velocity loops, and position loops. * **FPGA:** Manages real-time encoder feedback processing and high-speed I/O signals. ### C. Feedback System * **Encoder Interface:** Supports high-resolution serial encoders (e.g., 17-bit or 20-bit). This ensures the drive knows the exact position of the motor rotor at all times. ### D. Protection & Safety * **Dynamic Brake Circuit:** Uses a power resistor to dissipate energy when the motor is decelerating rapidly. * **Isolation:** Optocouplers are used to isolate the high-voltage power side from the low-voltage logic side for user safety. --- ## 3. Typical Wiring & Connection Points ```markdown Main Terminals: - L1, L2, L3: AC Power Input - U, V, W: Motor Output - B1, B2: External Regenerative Resistor - DC+, DC-: Common DC Bus link Signal Connectors: - CN1: I/O Signals (Limits, Enables, Alarms) - CN2: Encoder Feedback - CN3: Communication (PC Link/Network) ``` --- ## 4. Application Use Cases Due to its electronic robustness, this part is commonly found in: * **Semiconductor Manufacturing:** For precise wafer handling. * **CNC Machinery:** Driving spindles or axis motors. * **Robotics:** High-torque joints requiring smooth motion.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the SMA8VG-CA2-R?
    • ⤷ Does this model support EtherCAT communication protocols?
    • ⤷ How do I troubleshoot an Overcurrent alarm on this specific drive?