SMDCHR1008-R10
AI

The **SMDCHR1008-R10** is a specific surface-mount electronic component, typically categorized as a **Wire-wound Chip Inductor**. Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Part Number Breakdown
The nomenclature provides specific details about the component's size and value:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **SMD** | Surface Mount Device | Designed for automated PCB assembly. |
| **CHR** | Series Code | Often refers to High-Reliability or Ceramic-core Chip Inductors. |
| **1008** | Case Size | Dimensions are approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). |
| **R10** | Inductance Value | **100nH** (0.10 µH). The "R" acts as a decimal point. |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as Bourns, Coilcraft, or Murata), the standard parameters for an R10 1008 inductor are generally:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 100 nH (0.10 µH) |
| **Tolerance** | ±5% (J) or ±10% (K) |
| **DC Resistance (DCR)** | 0.20 – 0.50 Ohms (Max) |
| **Rated Current (Idc)** | 400 mA – 600 mA |
| **Self-Resonant Frequency (SRF)** | > 1000 MHz |
| **Core Material** | Ceramic (for high-frequency stability) |
---
### 3. Key Features
* **High Q Factor:** These parts are designed to maintain low loss at high frequencies.
* **Wire-wound Construction:** Uses a copper wire wound around a ceramic core, providing better performance and higher current handling than multilayer types.
* **Compact Footprint:** The 1008 size is ideal for high-density circuit boards where space is limited but performance is critical.
### 4. Common Applications
Due to its high resonant frequency and low inductance, this part is commonly used in:
1. **RF Circuits:** Matching networks and filters for wireless communication.
2. **Signal Conditioning:** High-speed data lines to suppress noise.
3. **Mobile Electronics:** Power management modules in smartphones and tablets.
4. **Oscillators:** Frequency generation circuits.
---
### 5. Footprint (Dimensions)
The **1008** package size follows these standard metric/imperial dimensions:
* **Length:** 2.50 mm (0.100")
* **Width:** 2.00 mm (0.079")
* **Height:** ~1.60 mm (0.063")
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How do I calculate the resonant frequency for this inductor?
- ⤷ What are the common failure modes for wire-wound SMD inductors?