SMDCHR1008-R39
AI

The part number **SMDCHR1008-R39** typically refers to a **Wire-wound Surface Mount Device (SMD) Chip Inductor**. These components are essential in radio frequency (RF) and communication circuits for filtering, decoupling, and impedance matching.
Below is a detailed breakdown of the electronic specifications and characteristics based on standard naming conventions for this series.
---
## 1. Part Number Breakdown
| Segment | Identification | Description |
| :--- | :--- | :--- |
| **SMD** | Type | Surface Mount Device. |
| **CHR** | Series | Ceramic High-Reliability / High Q wire-wound inductor series. |
| **1008** | Case Size | Imperial size 1008 (Metric **2520**): approx. 2.5 x 2.0 mm. |
| **R39** | Inductance Value | **0.39 µH** (390 nH). The 'R' acts as a decimal point. |
---
## 2. Technical Specifications
These values are representative of high-quality wire-wound ceramic inductors like those from manufacturers like Coilcraft, Bourns, or Murata.
### Electrical Characteristics
* **Inductance:** 0.39 µH (390 nH).
* **Tolerance:** Commonly ±5% (J) or ±10% (K).
* **Quality Factor (Q):** Typically high (Min 25–45 at 25 MHz), making it ideal for high-frequency stability.
* **Self-Resonant Frequency (SRF):** Usually ranges between **375 MHz to 500 MHz**.
* **DC Resistance (DCR):** Low resistance, typically between **0.8 Ω and 1.2 Ω** to minimize power loss.
* **Rated Current:** Generally handles between **250 mA to 450 mA**.
---
## 3. Physical Construction
### Materials
* **Core:** Ceramic (Non-magnetic). Ceramic cores provide excellent thermal stability and a high Self-Resonant Frequency because they do not suffer from the core losses found in ferrite.
* **Winding:** Copper wire wound around the ceramic body.
* **Terminations:** Usually silver-palladium-platinum or tin-plated for easy soldering.
### Advantages of 1008 Wire-Wound Type
1. **High Q Factors:** Much higher than multilayer chip inductors.
2. **Current Handling:** Better than thin-film or multilayer equivalents of the same size.
3. **Tight Tolerances:** The wire-wound process allows for more precise inductance values.
---
## 4. Typical Applications
The SMDCHR1008-R39 is commonly found in:
* **RF Transceivers:** Used in matching networks for antennas.
* **Wireless Communication:** Bluetooth, Wi-Fi, and cellular modules.
* **Filters:** Low-pass, high-pass, and band-pass filters for signal integrity.
* **High-Speed Oscillators:** Providing stable inductance for frequency generation.
---
- ⤷
What is the difference between a ceramic core and a ferrite core inductor in the 1008 size?
- ⤷ How does the 'Q factor' affect the performance of this inductor in a filter circuit?
- ⤷ What are the soldering profile recommendations for 1008 SMD components?