SMDCHR1008-R56
AI

### Electronic Component Analysis: SMDCHR1008-R56
The part number **SMDCHR1008-R56** typically refers to a **Wire-wound Surface Mount Device (SMD) High-Current Inductor**. These components are essential in power management and RF filtering circuits.
---
### 1. Breakdown of the Part Number
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SMD** | Surface Mount Device | Designed for automated PCB soldering. |
| **CHR** | Series Identifier | Often denotes a High-Reliability or High-Current series. |
| **1008** | Case Size | Dimensions are approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). |
| **R56** | Inductance Value | **0.56 µH** (R acts as a decimal point). |
---
### 2. Key Technical Specifications
While exact specifications can vary slightly by manufacturer (e.g., Coilcraft, Bourns, or generic brands), the 1008-R56 series generally adheres to these parameters:
* **Inductance:** 0.56 µH (Microhenries).
* **Tolerance:** Commonly ±5% (J) or ±10% (K).
* **Quality Factor (Q):** Typically high (25–50) at specific test frequencies, indicating low energy loss.
* **Self-Resonant Frequency (SRF):** Usually above 200-300 MHz, allowing it to function at high frequencies.
* **DC Resistance (DCR):** Low (often < 1.0 Ohm) to minimize power dissipation.
* **Rated Current:** Typically handles between 300mA to 800mA depending on the specific wire gauge used.
---
### 3. Construction and Materials
The "CHR" designation usually implies a **Wire-wound** construction:
1. **Core Material:** Often Ceramic (for high-frequency stability) or Ferrite (for higher inductance/current).
2. **Windings:** Copper wire wrapped around the core and bonded to metallic terminals.
3. **Encapsulation:** Frequently coated in an epoxy resin for environmental protection and pick-and-place durability.
---
### 4. Common Applications
Due to its small footprint and high-frequency performance, the 1008-R56 is used in:
* **RF Tuning Circuits:** Found in wireless communication devices.
* **DC-DC Converters:** Used for energy storage in small power supplies.
* **Signal Filtering:** Removing high-frequency noise from data lines.
* **Mobile Electronics:** Smartphones and tablets where space is at a premium.
---
### 5. Footprint (1008 Metric vs Imperial)
It is important to note the physical size for PCB layout:
* **Imperial:** 1008 (0.10" x 0.08")
* **Metric:** 2520 (2.5mm x 2.0mm)
- ⤷What is the typical DC resistance (DCR) for a 0.56uH 1008 inductor?
- ⤷ How does a ceramic core compare to a ferrite core in this size?
- ⤷ What are the soldering profile requirements for SMD 1008 components?