Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SMS-2008MS-R

  • AI
    The **SMS-2008MS-R** is typically an industrial-grade **8-Port Managed Ethernet Switch**. These devices are designed for harsh environments, providing Layer 2 networking capabilities with a focus on redundancy and remote management. --- ### 1. Key Electronic Components & Architecture The internal architecture of the SMS-2008MS-R is built around high-reliability semiconductors designed to handle continuous data throughput. | Component Category | Description | | :--- | :--- | | **Switching Fabric (ASIC)** | The "brain" of the device; a high-speed Application Specific Integrated Circuit that handles packet forwarding and MAC address learning. | | **CPU / Microprocessor** | Manages the software layer, including the Web interface, SNMP, and IGMP snooping protocols. | | **PHY (Physical Layer)** | Electronic transceivers that convert digital signals from the ASIC into electrical signals for the RJ45 copper ports. | | **Flash Memory** | Stores the firmware (OS) and configuration files. | | **RAM (SDRAM)** | Used for packet buffering and running the management software. | | **Voltage Regulators** | DC-to-DC converters that step down input power (usually 12-48V) to internal logic levels (3.3V, 1.8V, 1.2V). | --- ### 2. Physical Port Configuration The "2008" designation generally refers to the port count and speed. * **8 x 10/100Base-TX Ports:** Standard RJ45 ports for copper cabling. * **Console Port:** Usually an RS-232 (RJ45 or DB9) interface for "Out-of-Band" management and initial configuration. * **Redundant Power Inputs:** Terminal blocks designed to accept two separate power sources to prevent downtime during a power failure. --- ### 3. Hardware Features for Industrial Environments Because the "R" often signifies **Redundancy** or **Ruggedized**, the electronic design includes specific protections: 1. **Galvanic Isolation:** The Ethernet ports are electronically isolated to protect the internal circuitry from voltage spikes and ground loops. 2. **Surge/ESD Protection:** Built-in TVS (Transient Voltage Suppressors) on the data lines to handle electrostatic discharge. 3. **Passive Cooling:** The electronic layout is designed for heat dissipation via the metal chassis rather than fans (fanless design), which increases the Mean Time Between Failures (MTBF). 4. **Relay Output:** An internal electronic relay (Alarm Contact) that triggers a physical circuit if power fails or a port goes down. --- ### 4. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12 ~ 48 VDC | | **Enclosure** | IP30 or IP40 Rated Aluminum/Steel | | **Mounting** | DIN-Rail or Wall Mount | | **MAC Table Size** | Usually 2K to 8K entries | | **Operating Temp** | -40°C to +75°C (Industrial Grade) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a managed and unmanaged version of this switch?
    • ⤷ How do I configure the redundant power supply on this model?
    • ⤷ Does the SMS-2008MS-R support PoE (Power over Ethernet)?