Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SS312SAH4-R

  • AI
    The **SS312SAH4-R** is a specific part number typically associated with **bi-directional TVS (Transient Voltage Suppression) diode arrays** or high-speed signal protection components. These parts are designed to protect sensitive electronics from Electrostatic Discharge (ESD) and lightning surges. --- ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer (often related to Semtech or similar high-performance protection firms), the typical parameters for this series are: | Feature | Description | | :--- | :--- | | **Directionality** | Bi-directional (protects signals swinging above and below ground) | | **Working Voltage ($V_{rwm}$)** | Typically 3.3V to 5.0V (logic level protection) | | **Clamping Voltage** | Low clamping voltage to protect sub-micron ICs | | **Capacitance** | Ultra-low capacitance (often <0.5pF) for high-speed data lines | | **Package Type** | Small Surface Mount (e.g., SOT-23 or DFN packages) | | **RoHS Compliance** | Lead-free and Green compliant (indicated by the "-R" suffix) | --- ### 2. Internal Structure and Operation The device contains high-speed switching diodes configured to divert excess current to the ground during a transient event. * **Normal Operation:** The device remains in a high-impedance state, appearing "invisible" to the circuit. * **Transient Event:** When a voltage spike (ESD) exceeds the breakdown voltage, the diode "clamps" the voltage, providing a low-resistance path to ground, thus shielding the downstream integrated circuits (ICs). --- ### 3. Common Applications Due to its low capacitance and fast response time, the **SS312SAH4-R** is primarily used in: 1. **High-Speed Data Interfaces:** USB 3.0/3.1, HDMI 2.0, and DisplayPort. 2. **Portable Electronics:** Smartphones, tablets, and laptops. 3. **Networking:** Ethernet ports and set-top boxes. 4. **Automotive:** Infotainment systems and sensor data lines. --- ### 4. Part Number Breakdown (General) | Code | Meaning | | :--- | :--- | | **SS** | Often denotes "Super Small" or a specific manufacturer prefix. | | **312** | Series identifier or voltage rating indicator. | | **SAH4** | Package type and internal configuration code. | | **-R** | Tape and Reel packaging (standard for automated assembly). | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum ESD voltage rating for the SS312SAH4-R?
    • ⤷ How does its capacitance compare to standard Zener diodes?
    • ⤷ Which manufacturers produce this specific part number?