Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SSM2250RM-R2

  • AI
    ## SSM2250RM-R2: Electronic Overview The **SSM2250RM-R2** is a specialized integrated circuit designed primarily as a high-performance **Stereo FM Receiver Subsystem**. It was manufactured by Analog Devices (though now largely considered an older/obsolete component in favor of newer digital architectures). Below is a detailed breakdown of its electronic characteristics and functional blocks. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | FM Stereo Receiver / Demodulator | | **Package Type** | MSOP-8 (RM-8) | | **Operating Voltage** | 2.7V to 6.0V | | **Current Consumption** | ~6.5 mA (Active) | | **Signal-to-Noise Ratio (SNR)** | 60 dB | | **Total Harmonic Distortion (THD)** | 0.1% | | **Channel Separation** | 35 dB | --- ### 2. Functional Blocks The SSM2250 contains several internal stages required to convert an IF (Intermediate Frequency) signal into a stereo audio output: * **Mixer & Local Oscillator:** It down-converts the incoming RF signal to a standard 10.7 MHz IF. * **IF Limiter:** Ensures a constant amplitude signal is fed to the detector, removing AM noise components. * **Quadrature Detector:** Demodulates the FM signal to extract the baseband audio (mono + pilot + stereo subcarrier). * **Stereo Decoder (MPX):** Uses a Phase-Locked Loop (PLL) to detect the 19kHz pilot signal and decode the Left and Right audio channels. * **Audio Amplifiers:** Low-noise output buffers to drive headphones or a secondary power amplifier stage. --- ### 3. Pinout Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Positive Supply Voltage | | 2 | **ROUT** | Right Channel Audio Output | | 3 | **LOUT** | Left Channel Audio Output | | 4 | **GND** | Ground | | 5 | **TUNER IN** | RF/IF Signal Input | | 6 | **OSC** | Oscillator Tank Circuit Connection | | 7 | **FILT** | Loop Filter for the PLL | | 8 | **DE-EMP** | De-emphasis capacitor connection (standard 50µs/75µs) | --- ### 4. Typical Application Circuit To use the SSM2250, external passive components are required to set the timing and filtering characteristics. ```c // Pseudo-Schematic Representation [Antenna/IF] --> [Pin 5: Input] [Pin 6] <--> [L-C Tank Circuit] // Sets the tuning frequency [Pin 8] <--> [Capacitor to GND] // Sets De-emphasis [Pin 2/3] --> [AC Coupling Caps] --> [Speakers/Headphones] ``` --- ### 5. Summary of Use Cases * **Portable Radios:** Due to its low power consumption and small MSOP footprint. * **Cellular Handsets:** Historically used to provide FM radio functionality in early smartphones. * **Embedded Audio:** Adding radio capabilities to microcontroller-based hobbyist projects or industrial alerts. ---
    ✨ Follow-up Questions
    • ⤷ What are the modern replacements for the SSM2250 in digital tuning applications?
    • ⤷ How do you calculate the de-emphasis capacitor value for Pin 8?
    • ⤷ Can the SSM2250 be controlled via I2C or is it strictly analog?