STB06-R-8
AI

The **STB06-R-8** is a specialized electronic component, typically categorized as a **Marker Strip** or **Wire Marker**, primarily manufactured by companies like **TE Connectivity (Raychem)**. It belongs to the STB (Snap-on) series designed for wire and cable identification.
---
## 1. Technical Specifications
Below are the core technical attributes associated with the STB06-R-8 model:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | TE Connectivity / Raychem |
| **Series** | STB (Snap-On Terminal Blocks/Markers) |
| **Marker Type** | Pre-printed Snap-on |
| **Legend (Print)** | The number **"8"** |
| **Color** | Red (R) with White print |
| **Wire Diameter Range** | 1.40mm to 1.80mm (Approx.) |
| **Material** | Polyamide 6.6 (Nylon) |
| **Flammability Rating** | UL 94 V-2 |
---
## 2. Key Electronic & Mechanical Features
### A. Material Composition
The part is molded from **Nylon 6.6**. This material is chosen for electronic applications because:
- It provides excellent mechanical strength.
- It is resistant to oils, grease, and common cleaning solvents used in PCB/Panel assembly.
### B. "Snap-on" Mechanism
The STB series features an "expanding" grip. Unlike heat-shrink tubing which must be slid on before a wire is terminated, the STB06-R-8 can be applied **after** the wire has been connected. The side-entry design allows it to clip securely onto the insulation.
### C. Color Coding
The **"R"** in the part number signifies **Red**. In industrial wiring, different colors are often used to denote distinct voltage levels or phases (e.g., DC vs. AC control circuits).
---
## 3. Application Areas
The STB06-R-8 is used in environments where precise cable management is required:
1. **Control Panels:** Identifying signal wires in PLC (Programmable Logic Controller) cabinets.
2. **Telecommunications:** Labeling patch cables or internal chassis wiring.
3. **Maintenance:** Ensuring that technicians can identify specific wire runs during troubleshooting.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in selecting the correct variant:
| Segment | Meaning |
| :--- | :--- |
| **STB** | Snap-On Series |
| **06** | Size Code (Corresponds to specific wire OD range) |
| **R** | Color Code (Red) |
| **8** | Printed Character/Legend |
---
- ⤷
What is the temperature range for Polyamide 6.6 markers like the STB06-R-8?
- ⤷ Are there specific tools required for installing snap-on markers?
- ⤷ How does the STB06 size compare to STB12 in terms of wire diameter?