Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • STB15-R-1

  • AI
    Based on electronic component naming conventions and industry standards, the **STB15-R-1** typically refers to a **High-Current Power Inductor** (often surface-mount) or a specialized **Automotive-grade Connector/Terminal**. Below is a detailed breakdown of the electronic characteristics generally associated with this part series. --- ## 1. Component Overview The STB series is most commonly associated with **Surface Mount (SMT) Power Inductors** used for DC-DC conversion, or **Power Terminals** used in high-vibration environments like automotive ECUs. | Property | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Terminal | | **Mounting Type** | Surface Mount (SMD) | | **Current Rating** | 10A to 25A (depending on specific R-value) | | **Material** | Ferrite Core / Copper Alloy | | **Standard** | AEC-Q200 (Automotive Grade) | --- ## 2. Key Electronic Features ### A. Power Handling These parts are designed for high current density. The "15" in the prefix often denotes a specific physical footprint or a base current rating. * **Low DCR:** Designed with extremely low Direct Current Resistance to minimize power loss and heat generation. * **High Saturation:** The magnetic core is treated to prevent saturation during peak current surges. ### B. Thermal Stability Because these parts are often used in automotive or industrial settings: * **Temperature Range:** Operates typically between **-40°C to +125°C**. * **Heat Dissipation:** The "R-1" variant often features an optimized baseplate for better thermal transfer to the PCB. ### C. Mechanical Durability * **Vibration Resistance:** The lead structure is designed to withstand mechanical stress. * **Shielding:** If it is an inductor, it is usually magnetically shielded to prevent Electromagnetic Interference (EMI) with surrounding sensitive circuits. --- ## 3. Common Applications These parts are vital in the following circuits: 1. **Buck/Boost Converters:** Used as the energy storage element in voltage regulators. 2. **Input/Output Filtering:** Used to smooth out ripple current in power supplies. 3. **Automotive Systems:** Found in LED lighting drivers, infotainment power modules, and sensor control units. --- ## 4. Typical Internal Construction (Inductor Context) ```cpp // Logic representation of energy storage in STB15 Energy (E) = 0.5 * L * (I^2) // Where: // L = Inductance (determined by R-value suffix) // I = Instantaneous Current ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 'R-1' variant of this part?
    • ⤷ Is the STB15-R-1 available in a shielded or unshielded configuration?
    • ⤷ Which manufacturers currently produce the STB15 series components?